Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT244-EP Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ACT244-EP
Szczegółowy opis  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT244-EP Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ACT244-EP Datasheet HTML 1Page - Texas Instruments SN74ACT244-EP Datasheet HTML 2Page - Texas Instruments SN74ACT244-EP Datasheet HTML 3Page - Texas Instruments SN74ACT244-EP Datasheet HTML 4Page - Texas Instruments SN74ACT244-EP Datasheet HTML 5Page - Texas Instruments SN74ACT244-EP Datasheet HTML 6Page - Texas Instruments SN74ACT244-EP Datasheet HTML 7Page - Texas Instruments SN74ACT244-EP Datasheet HTML 8Page - Texas Instruments SN74ACT244-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
DW OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DESCRIPTION/ORDERING INFORMATION
SN74ACT244-EP
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS724B – OCTOBER 2003 – REVISED MARCH 2006
Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of up to
–55
°C to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree (1)
4.5-V to 5.5-V V
CC Operation
Inputs Accept Voltages to 5.5 V
Max t
pd of 9.5 ns at 5 V
Inputs Are TTL Compatible
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The SN74ACT244-EP octal buffer/driver is designed specifically to improve the performance and density of
3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
The device is organized as two 4-bit buffers/drivers with separate output-enable (OE) inputs. When OE is low,
the device passes noninverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SOIC – DW
Tape and reel
SN74ACT244MDWREP
SACT244MEP
–55
°C to 125°C
SOP – NS
Tape and reel
SN74ACT244MNSREP
SACT244MEP
–40
°C to 85°C
SOIC – DW
Tape and reel
SN74ACT244IDWREP
SACT244IEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH BUFFER)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74ACT244-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT244-EP TI1-SN74ACT244-EP Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244-EP TI1-SN74ACT244-EP Datasheet
2Mb / 38P
[Old version datasheet]   SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
REVISED JULY 2023
SN74ACT244-EP TI1-SN74ACT244-EP Datasheet
1Mb / 22P
[Old version datasheet]   SN74ACT244-Q1 Automotive Octal Buffer/Driver with 3-State Outputs
REVISED JULY 2023
SN74ACT244-EP TI1-SN74ACT244-EP Datasheet
1Mb / 22P
[Old version datasheet]   SN74ACT244-Q1 Automotive Octal Buffer or Driver with 3-State Outputs
NOVEMBER 2023
More results

Podobny opis - SN74ACT244-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com