Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDE1737DP Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części TDE1737DP
Szczegółowy opis  Interface circuit - relay and lamp-driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1737DP Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button TDE1737DP Datasheet HTML 5Page - STMicroelectronics TDE1737DP Datasheet HTML 6Page - STMicroelectronics TDE1737DP Datasheet HTML 7Page - STMicroelectronics TDE1737DP Datasheet HTML 8Page - STMicroelectronics TDE1737DP Datasheet HTML 9Page - STMicroelectronics TDE1737DP Datasheet HTML 10Page - STMicroelectronics TDE1737DP Datasheet HTML 11Page - STMicroelectronics TDE1737DP Datasheet HTML 12Page - STMicroelectronics TDE1737DP Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
TDE1737
10/13
Figure 10. Package dimensions
Table 4.
SO14 Mechanical data
Dim.
mm
Inch
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.30
0.004
0.012
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.01
D
(1)
1.
“D” dimension does not include mold flash, protusions or gate burrs. Mold flash, protusions or gate burrs shall not exceed
0.15mm per side.
8.55
8.75
0.337
0.344
E
3.80
4.0
0.150
0.157
e
1.27
0.050
H
5.8
6.20
0.228
0.244
h
0.25
0.50
0.01
0.02
L
0.40
1.27
0.016
0.050
k
0° (min.), 8° (max.)
ddd
0.10
0.004
0016019 D


Podobny numer części - TDE1737DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDE1737DP STMICROELECTRONICS-TDE1737DP Datasheet
134Kb / 7P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
More results

Podobny opis - TDE1737DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
   Interface circuit (relay and lamp driver)
TDE1747 STMICROELECTRONICS-TDE1747_06 Datasheet
624Kb / 17P
   Interface circuit - relay and lamp-driver
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
September 1988
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
   INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
TDE1767 STMICROELECTRONICS-TDE1767_07 Datasheet
190Kb / 16P
   Interface circuit (relay and Lamp-driver)
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com