Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16244 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części 74ALVCH16244
Szczegółowy opis  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244 Arkusz danych(HTML) 2 Page - STMicroelectronics

  74ALVCH16244 Datasheet HTML 1Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74ALVCH16244
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
11G
Output Enable Input
2, 3, 5, 6
1Y1 to 1Y4 Data Outputs
8, 9, 11, 12
2Y1 to 2Y4 Data Outputs
13, 14, 16, 17
3Y1 to 3Y4 Data Outputs
19, 20, 22, 23
4Y1 to 4Y4 Data Outputs
24
4G
Output Enable Input
25
3G
Output Enable Input
30, 29, 27, 26
4A1 to 4A4 Data Outputs
36, 35, 33, 32
3A1 to 3A4 Data Outputs
41, 40, 38, 37
2A1 to 2A4 Data Outputs
47, 46, 44, 43
1A1 to 1A4 Data Outputs
48
2G
Output Enable Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
An
Yn
LLL
LH
H
HX
Z


Podobny numer części - 74ALVCH16244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
logo
Integrated Device Techn...
74ALVCH16244BF IDT-74ALVCH16244BF Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
74ALVCH16244BFG IDT-74ALVCH16244BFG Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
More results

Podobny opis - 74ALVCH16244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
   Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com