Zakładka z wyszukiwarką danych komponentów |
|
STP08CP05 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
STP08CP05 Arkusz danych(HTML) 3 Page - STMicroelectronics |
3 / 27 page STP08CP05 Summary description 3/27 1 Summary description 1.1 Pin connection and description Note: The Exposed-pad is electrically not connected Table 2. Typical current accuracy Output voltage Current accuracy Output current Between bits Between ICs ≥1.3 V ±1.5 % ±3 % 20 to 100 mA Figure 1. Connections diagram Table 3. Pin description Pin N° Symbol Name and function 1 GND Ground terminal 2 SDI Serial data input terminal 3 CLK Clock input terminal 4 LE Latch input terminal 5-12 OUT 0-7 Output terminal 13 OE Output enable input terminal (active low) 14 SDO Serial data out terminal 15 R-EXT Constant current programming 16 VDD 5 V supply voltage terminal |
Podobny numer części - STP08CP05_08 |
|
Podobny opis - STP08CP05_08 |