Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HC4538B1R Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części M74HC4538B1R
Szczegółowy opis  Dual retriggerable monostable multivibrator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4538B1R Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button M74HC4538B1R Datasheet HTML 4Page - STMicroelectronics M74HC4538B1R Datasheet HTML 5Page - STMicroelectronics M74HC4538B1R Datasheet HTML 6Page - STMicroelectronics M74HC4538B1R Datasheet HTML 7Page - STMicroelectronics M74HC4538B1R Datasheet HTML 8Page - STMicroelectronics M74HC4538B1R Datasheet HTML 9Page - STMicroelectronics M74HC4538B1R Datasheet HTML 10Page - STMicroelectronics M74HC4538B1R Datasheet HTML 11Page - STMicroelectronics M74HC4538B1R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
M74HC4538
8/18
Table 7.
AC electrical characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min
Typ
Max
Min
Max
Min
Max
tTLH tTHL
Output transition
time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL
Propagation
delay time
(A, B - Q, Q)
2.0
120
250
315
375
ns
4.5
30
506375
6.0
25
435464
tPLH tPHL
Propagation
delay time
(CD - Q, Q)
2.0
100
195
245
295
ns
4.5
25
394959
6.0
20
334250
tWOUT
Output pulse
width
2.0
Cx=0
Rx = 5 K
Ω
540
1200
1500
1800
ns
4.5
Rx = 1 K
Ω
180
250
320
375
6.0
Rx = 1 K
Ω
150
200
260
320
2.0
Cx = 0.01
μF
Rx = 10 K
Ω
70
83
96
70
96
70
96
μs
4.5
69
778569856985
6.0
69
778569856985
2.0
Cx = 0.1
μF
Rx = 10 K
Ω
0.67
0.75
0.83
0.67
0.83
0.67
0.9
ms
4.5
0.670.730.770.67
0.770.67
0.8
6.0
0.670.730.770.67
0.770.67
0.8
ΔtWOUT
Output pulse
width error
between circuits
in same package
±1
%
tW(H) tW(L)
Minimum pulse
width
(A,B)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tW(L)
Minimum pulse
width
(CD)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tREM
Minimum clear
removal time
2.0
0
15
15
20
ns
4.5
0
5
5
7
6.0
0
5
5


Podobny numer części - M74HC4538B1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4538B1R STMICROELECTRONICS-M74HC4538B1R Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Podobny opis - M74HC4538B1R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com