Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHCT125A Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części 74VHCT125A
Szczegółowy opis  QUAD BUS BUFFERS (3-STATE)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT125A Arkusz danych(HTML) 5 Page - STMicroelectronics

  74VHCT125A Datasheet HTML 1Page - STMicroelectronics 74VHCT125A Datasheet HTML 2Page - STMicroelectronics 74VHCT125A Datasheet HTML 3Page - STMicroelectronics 74VHCT125A Datasheet HTML 4Page - STMicroelectronics 74VHCT125A Datasheet HTML 5Page - STMicroelectronics 74VHCT125A Datasheet HTML 6Page - STMicroelectronics 74VHCT125A Datasheet HTML 7Page - STMicroelectronics 74VHCT125A Datasheet HTML 8Page - STMicroelectronics 74VHCT125A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74VHCT125A
5/12
Figure 5: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 1KΩ or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 6: Waveform - Propagation Delays (f=1MHz; 50% duty cycle)
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND


Podobny numer części - 74VHCT125A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
logo
Toshiba Semiconductor
74VHCT125AFT TOSHIBA-74VHCT125AFT Datasheet
177Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
STMicroelectronics
74VHCT125AM STMICROELECTRONICS-74VHCT125AM Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT125AT STMICROELECTRONICS-74VHCT125AT Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
More results

Podobny opis - 74VHCT125A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
   QUAD BUS BUFFERS 3-STATE
May 1997
74VHC125 STMICROELECTRONICS-74VHC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS (3-STATE)
June 1999
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
July 2001
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
   QUAD BUS BUFFERS 3-STATE
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
February 1999
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
March 2000
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
   QUAD BUS BUFFERS (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com