Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS-24S0181.8 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części GS-24S0181.8
Szczegółowy opis  1.8 A DC-DC converter modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-24S0181.8 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button GS-24S0181.8 Datasheet HTML 3Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 4Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 5Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 6Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 7Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 8Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 9Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 10Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
GS-R24FP
Electrical characteristics
7/15
3
Electrical characteristics
TA = 25 °C, unless otherwise specified
Table 6.
Electrical characteristics (all version)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vr
Ripple voltage
Vi =24 V Io = 1.8 A
for GS-R24FPyyy1.8
30
60
mVpp
Temperature stability
Vi =Vo + 1.5 V Io = 1.8 A
mV/°C
Io
Output current
Vi =16 ÷ 35 V
for GS-R24FPyyy1.8
01.8
A
IoL
Current limit
Vi =16 ÷ 35 V
2.3
A
Iq
Quiescent current
Vi =24 V Io = 0 A
2.7
mA
Iqst-by
Total stand-by
quiescent current
Vinh > 2.2 V Vi = 35 V
80
150
µA
fs
Switching frequency
Vi = 24 V Io = 1.8 A
500
kHz
Vref
Reference voltage
Vi = 16 ÷ 35 V Iref = 0 ÷ 5 mA
3.2
3.3
3.399
V
Short circuit current
8
10
30
mA
INH
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
VFB
Feedback voltage
Vi =16 ÷ 35 V IO = 0 ÷ 1.8 A
1.22
1.235
1.25
V


Podobny numer części - GS-24S0181.8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4406-2 3M-GS-2000-4406-2 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4407-0 3M-GS-2000-4407-0 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
More results

Podobny opis - GS-24S0181.8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
   1.8 Watt Isolated DC-DC Converter
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com