Zakładka z wyszukiwarką danych komponentów |
|
HCF4538B Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
HCF4538B Arkusz danych(HTML) 6 Page - STMicroelectronics |
6 / 10 page HCF4538B 6/10 DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns) (*) Typical temperature coefficient for all VDD value is 0.3 %/°C. (1) Minimum RX value = 4KΩ , minimum CX value = 5000 pF Symbol Parameter Test Condition Value (*) Unit VDD (V) Min. Typ. Max. tTLH tTHL Transition Time 5 100 200 ns 10 50 100 15 40 80 tPLH tPHL Propagation Delay Time +TR or -TR to Q or Q 5 300 600 ns 10 150 300 15 100 200 tPLH tPHL Propagation Delay Time Reset to Q or Q 5 RL = 1KΩ 250 500 ns 10 125 250 15 95 190 tWH tWL Minimum Input Pulse Width +TR, -TR or Reset 5 RL = 1KΩ 80 140 ns 10 40 80 15 30 60 tWT Output Pulse Width - Q or Q (CX = 0.005 µF, RX = 10K Ω (1)) 5 57 60.6 64.5 µs 10 55 58.9 63.0 15 55 59.1 63.5 tWT Output Pulse Width - Q or Q (CX = 0.1µF, RX = 100K Ω) 5 9.4 9.97 10.5 ms 10 9.4 9.95 10.6 15 9.5 10.0 10.6 tWT Output Pulse Width - Q or Q (CX = 10µF, RX = 100K Ω) 5 0.95 1.0 1.06 s 10 0.95 1.0 1.06 15 0.96 1.0 1.07 tW Pulse Width Match Between Circuits in Same Package : (100(T1 - T2)/T1) (CX = 0.1µF, RX = 100KΩ) 5 ± 1 % 10 ± 1 15 ± 1 trr Minimum Retrigger Time 5 0 ns 10 0 15 0 CIN Input Capacitance Any Input 5 7.5 pF |
Podobny numer części - HCF4538B_01 |
|
Podobny opis - HCF4538B_01 |