Zakładka z wyszukiwarką danych komponentów |
|
M4Z32-BR00SH Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
M4Z32-BR00SH Arkusz danych(HTML) 5 Page - STMicroelectronics |
5 / 12 page 5/12 M4Z28-BR00SH, M4Z32-BR00SH MECHANICAL INFORMATION Electrical connection to the SOIC is made through two pins that connect to the press fitted sockets at one end of the SOIC. Critical contact points be- tween the pins and sockets are gold-plated to re- sist oxidation. Internally, each socket contains six independent contact fingers to form redundant connections between the two components. These sockets were designed to provide high point con- tact force to provide the lowest possible contact re- sistance. The SNAPHAT® top also incorporates four molded-in retaining clips which hold onto the ends of the SOIC insuring mechanical and electri- cal connection even under severe mechanical shock and vibration. The combined SOIC and SNAPHAT assembly can sustain shock levels in excess of 100 g without separating. This package also passes variable frequency testing in accor- dance with MIL-STD-883, method 2007.2, condi- tion A. Figure 3 illustrates the affect of repeated insertion and extraction of the SNAPHAT top to the SOIC. The force required to extract the SNAPHAT, and then to re-insert it, reduces each time. After four or five extractions, the reduction starts to become unnoticeable and the force required remains at a fairly constant figure. Typically, though, the SNAPHAT will only need to be extracted and re- inserted once in its lifetime. Figure 3. SNAPHAT Insertion/Extraction Forces 0 2.5 5 7.5 10 12.5 15 1 234 5 6 789 10 Number of Extractions Average Insertion Average Extraction AI02526 |
Podobny numer części - M4Z32-BR00SH |
|
Podobny opis - M4Z32-BR00SH |