Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4Z32-BR00SH1 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części M4Z32-BR00SH1
Szczegółowy opis  ZEROPOWER SNAPHAT (BATTERY)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z32-BR00SH1 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button M4Z32-BR00SH1 Datasheet HTML 2Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 3Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 4Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 5Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 6Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 7Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 8Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 9Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M4Z28-BR00SH, M4Z32-BR00SH
6/12
Battery Characteristics
Figure 4, page 7 illustrates the lithium coin cell dis-
charge rate for a given load. This demonstrates
the characteristically flat voltage level supplied by
the battery until very near the end of its life. These
discharge levels have been greatly accelerated in
comparison to the normal, actual usage.
Note: These batteries contain no Mercury (Hg),
Cadmium (Cd), or Lead (Pb).
UL Recognition
The M4ZXX-BR00SH has been recognized by Un-
derwriters Laboratories under their Component
Recognition Program and carries U.L. File Num-
ber E89556.
Battery Life
For information on Data Retention Life and Battery
Storage Life, please refer to the Application Note
AN1012.
General Notes
ST has conducted experiments using a manual
press which determined that if approximately 60
pounds of force is applied to the top of the
SNAPHAT®, battery damage and/or die cracks
could be induced. As Figure 3, page 5 specifies,
only an average of less than 13 force-pounds is re-
quired for proper insertion. We recommend that no
more than 40 pounds of force be applied during
SNAPHAT insertion.
If a manual press in employed, it is very important
that it be calibrated such that it cannot exceed this
limit.
To remove the SNAPHAT® top for replacement, a
DIP/IC extractor tool should be used (see Figure
5). The SNAPHAT top should be grabbed by the
narrow end to avoid bending the pins.
Caution: To avoid draining battery do NOT place
SNAPHAT pins into conductive foam.
Caution: To avoid damaging SNAPHAT sockets
do NOT wave solder SOIC.
For battery disposal information, see on the web at
www.rayovac.com.


Podobny numer części - M4Z32-BR00SH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
More results

Podobny opis - M4Z32-BR00SH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4ZXX-BR00SH STMICROELECTRONICS-M4ZXX-BR00SH Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
   Second source for SNAPHAT
logo
Texas Instruments
BQ48SH TI1-BQ48SH Datasheet
126Kb / 7P
[Old version datasheet]   SNAPHAT??WITH INTEGRATED BATTERT AND CRYSTAL
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
   3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12