Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4990EIJT Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części TS4990EIJT
Szczegółowy opis  1.2 W audio power amplifier with active low standby mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990EIJT Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button TS4990EIJT Datasheet HTML 2Page - STMicroelectronics TS4990EIJT Datasheet HTML 3Page - STMicroelectronics TS4990EIJT Datasheet HTML 4Page - STMicroelectronics TS4990EIJT Datasheet HTML 5Page - STMicroelectronics TS4990EIJT Datasheet HTML 6Page - STMicroelectronics TS4990EIJT Datasheet HTML 7Page - STMicroelectronics TS4990EIJT Datasheet HTML 8Page - STMicroelectronics TS4990EIJT Datasheet HTML 9Page - STMicroelectronics TS4990EIJT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Electrical characteristics
TS4990
6/32
Table 5.
Electrical characteristics when VCC = +3.3 V, GND = 0 V, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
3.3
6
mA
ISTBY
Standby current (1)
No input signal, VSTBY = GND, RL = 8Ω
1.
Standby mode is active when VSTBY is tied to GND.
10
1000
nA
Voo
Output offset voltage
No input signal, RL = 8Ω
110
mV
Pout
Output power
THD = 1% max, F = 1kHz, RL = 8Ω
375
500
mW
THD + N
Total harmonic distortion + noise
Pout = 400mWrms, AV = 2, 20Hz ≤ F ≤ 20kHz, RL =8Ω
0.1
%
PSRR
Power supply rejection ratio(2)
RL = 8Ω, AV = 2, Vripple = 200mVpp, input grounded
F = 217Hz
F = 1kHz
2.
All PSRR data limits are guaranteed by production sampling tests.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon
VCC.
55
55
61
63
dB
tWU
Wake-up time (Cb = 1µF)
110
140
ms
tSTBY
Standby time (Cb = 1µF)
10
µs
VSTBYH
Standby voltage level high
1.2
V
VSTBYL
Standby voltage level low
0.4
V
ΦM
Phase margin at unity gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain margin
RL = 8Ω, CL = 500pF
15
dB
GBP
Gain bandwidth product
RL = 8Ω
1.5
MHz
ROUT-GND
Resistor output to GND (VSTBY ≤ VSTBYL)
Vout1
Vout2
4
44
k
Ω


Podobny numer części - TS4990EIJT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4990IJT STMICROELECTRONICS-TS4990IJT Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4990JT STMICROELECTRONICS-TS4990JT Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
More results

Podobny opis - TS4990EIJT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
STMicroelectronics
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com