Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C160-120M1 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części M27C160-120M1
Szczegółowy opis  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-120M1 Arkusz danych(HTML) 5 Page - STMicroelectronics

  M27C160-120M1 Datasheet HTML 1Page - STMicroelectronics M27C160-120M1 Datasheet HTML 2Page - STMicroelectronics M27C160-120M1 Datasheet HTML 3Page - STMicroelectronics M27C160-120M1 Datasheet HTML 4Page - STMicroelectronics M27C160-120M1 Datasheet HTML 5Page - STMicroelectronics M27C160-120M1 Datasheet HTML 6Page - STMicroelectronics M27C160-120M1 Datasheet HTML 7Page - STMicroelectronics M27C160-120M1 Datasheet HTML 8Page - STMicroelectronics M27C160-120M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
M27C160
Summary description
5/26
1
Summary description
The M27C160 is a 16-Mbit EPROM offered in two ranges UV (Ultraviolet Erase) and OTP
(One-Time Programmable). It is ideally suited for microprocessor systems requiring large
data or program storage and is organized as either 2 Mbit words of 8 bits or 1 Mbit word of
16 bits. The pin-out is compatible with a 16-Mbit Mask ROM.
The FDIP42W (window ceramic frit-seal package) has a transparent lid which enables the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written rapidly to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M27C160 is offered in PDIP42, SDIP42, PLCC44 and SO44 packages.
In order to meet environmental requirements, ST offers the M27C160 in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
See Figure 1: Logic diagram and Table 1: Signal names for a brief overview of the signals
connected to this device.
Figure 1.
Logic diagram
AI00739B
20
A0-A19
BYTEVPP
Q0-Q14
VCC
M27C160
G
E
VSS
15
Q15A–1


Podobny numer części - M27C160-120M1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C160-120M1 STMICROELECTRONICS-M27C160-120M1 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C160-120M1TR STMICROELECTRONICS-M27C160-120M1TR Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results

Podobny opis - M27C160-120M1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
   8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com