Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MA1AA2 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części Z0107MA1AA2
Szczegółowy opis  1 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MA1AA2 Arkusz danych(HTML) 6 Page - STMicroelectronics

  Z0107MA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0107MA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Packaging information
Z01
6/9
3
Packaging information
Figure 12.
SOT-223 Footprint dimensions (in millimeters)
Table 6.
SOT-223 Dimensions
REF.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.80
0.071
A1
0.02
0.001
B
0.60
0.70
0.80
0.024 0.027 0.031
B1
2.90
3.00
3.10
0.114 0.118 0.122
c
0.24
0.26
0.32
0.009 0.010 0.013
D
6.30
6.50
6.70
0.248 0.256 0.264
e
2.3
0.090
e1
4.6
0.181
E
3.30
3.50
3.70
0.130 0.138 0.146
H
6.70
7.00
7.30
0.264 0.276 0.287
V
10° max
A
A1
e1
D
B1
H
E
e
12
4
3
B
V
c
3.25
1.32
7.80
5.16
1.32
2.30
0.95


Podobny numer części - Z0107MA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Podobny opis - Z0107MA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com