Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0110MA1AA2 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części Z0110MA1AA2
Szczegółowy opis  1 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0110MA1AA2 Arkusz danych(HTML) 5 Page - STMicroelectronics

  Z0110MA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0110MA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Z01
Ordering information scheme
5/9
2
Ordering information scheme
Table 5.
Product Selector
Part Number
Voltage
Sensitivity
Type
Package
600 V
700 V
800 V
Z0103MA
X
3 mA
Standard
TO-92
Z0103MN
X
3 mA
Standard
SOT-223
Z0103SA
X
3 mA
Standard
TO-92
Z0103SN
X
3 mA
Standard
SOT-223
Z0103NA
X
3 mA
Standard
TO-92
Z0103NN
X
3 mA
Standard
SOT-223
Z0107MA
X
5 mA
Standard
TO-92
Z0107MN
X
5 mA
Standard
SOT-223
Z0107SA
X
5 mA
Standard
TO-92
Z0107SN
X
5 mA
Standard
SOT-223
Z0107NA
X
5 mA
Standard
TO-92
Z0107NN
X
5 mA
Standard
SOT-223
Z0109MA
X
10 mA
Standard
TO-92
Z0109MN
X
10 mA
Standard
SOT-223
Z0109SA
X
10 mA
Standard
TO-92
Z0109SN
X
10 mA
Standard
SOT-223
Z0109NA
X
10 mA
Standard
TO-92
Z0109NN
X
10 mA
Standard
SOT-223
Z0110MA
X
25 mA
Standard
TO-92
Z0110MN
X
25 mA
Standard
SOT-223
Z0110SA
X
25 mA
Standard
TO-92
Z0110SN
X
25 mA
Standard
SOT-223
Z0110NA
X
25 mA
Standard
TO-92
Z0110NN
X
25 mA
Standard
SOT-223
Z 01 03 M A
1AA2
[BLANK]
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
01 = 1A
03 = 3mA
07 = 5mA
09 = 10mA
10 = 25mA
M = 600V
S = 700V
N = 800V
A = TO-92
N = SOT-223
1AA2 = TO-92 Bulk (preferred)
2AL2 = TO-92 Ammopack
5AL2 = TO-92 Tape & reel
5AA4 = SOT-223 Tape & reel


Podobny numer części - Z0110MA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0110MA1AA2 STMICROELECTRONICS-Z0110MA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
Z0110MA1AA2 STMICROELECTRONICS-Z0110MA1AA2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Podobny opis - Z0110MA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com