Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103SA1AA2 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części Z0103SA1AA2
Szczegółowy opis  1 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103SA1AA2 Arkusz danych(HTML) 2 Page - STMicroelectronics

  Z0103SA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristcs
Z01
2/9
1
Characteristcs
Table 2.
Electrical characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Z01
Unit
03
07
09
10
IGT
(1)
1.
minimum IGT is guaranteed at 5% of IGT max.
VD = 12 V RL = 30 Ω
I - II - III
MAX
35
10
25
mA
IV
5
7
10
25
VGT
ALL
MAX
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125° C
ALL
MIN
0.2
V
IH (2)
IT = 50 mA
MX.
7
10
10
25
mA
IL
IG = 1.2 IGT
I - III - IV
MAX
7
101525
mA
II
15
20
25
50
dV/dt (2)
VD = 67% VDRM gate open Tj = 110° C
MIN
10
20
50
100
V/µs
(dV/dt)c
(2)
2.
for both polarities of A2 referenced to A1.
(dI/dt)c = 0.44 A/ms Tj = 110° C
MIN
0.5
1
2
5
V/µs
Table 3.
Static characteristics
Symbol
Test Conditions
Value
Unit
VTM
(1)
1.
for both polarities of A2 referenced to A1.
ITM = 1.4 A
tp = 380 µs
Tj = 25° C
MAX.
1.56
V
Vto
(1)
Threshold voltage
Tj = 125° C
MAX.
0.95
V
Rd
(1)
Dynamic resistance
Tj = 125° C
MAX.
400
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25° C
MAX.
5µA
Tj = 125° C
0.5
mA
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-t)
Junction to tab (AC)
SOT-223
25
° C/W
Rth(j-I)
Junction to lead (AC)
TO-92
60
Rth(j-a)
Junction to ambient
S(1) = 5 cm²
1.
S = Copper surface under tab.
SOT-223
60
° C/W
TO-92
150


Podobny numer części - Z0103SA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0103SA1AA2 STMICROELECTRONICS-Z0103SA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
More results

Podobny opis - Z0103SA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com