Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103SA1AA2 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części Z0103SA1AA2
Szczegółowy opis  1 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103SA1AA2 Arkusz danych(HTML) 4 Page - STMicroelectronics

  Z0103SA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0103SA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristcs
Z01
4/9
Figure 7.
Non-repetitive surge peak
on-state current for a sinusoidal
pulse with width tp < 10 ms and
corresponding value of I2t
Figure 8.
On-state characteristics
(maximum values)
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
t (ms)
p
I
(A), I t (A s)
TSM
22
It
2
dI/dt limitation:
20A/µs
T initial = 25°C
j
ITSM
I
(A)
TM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
V
(V)
TM
T =
max.
j
Tj
T = 25°C
j
T =max.
j
V =0.95 V
R =400 m
t0
d
Ω
Figure 9.
Relative variation of critical rate
of decrease of main current versus
(dV/dt)c (typical values)
Figure 10.
Relative variation of critical rate of
decrease of main current versus
junction temperature
Figure 11.
SOT-223 Thermal resistance
junction to ambient versus copper
surface under tab (printed circuit
board FR4, copper thickness:
35 µm)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Z0103
Z0107
Z0110
Z0109
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
(dV/dt)c (V/µs)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
Specified]
j
(dI/dt)c [Tj
T (°C)
j
R
(°C/W)
th(j-a)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
S(cm²)


Podobny numer części - Z0103SA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0103SA1AA2 STMICROELECTRONICS-Z0103SA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
More results

Podobny opis - Z0103SA1AA2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com