Zakładka z wyszukiwarką danych komponentów |
|
Z0110NA2AL2 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
Z0110NA2AL2 Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 9 page December 2006 Rev 8 1/9 9 Z01 Standard 1 A Triacs Main Features Description The Z01 series is suitable for general purpose AC switching applications. They can be found in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,... Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers. Order Codes Symbol Value Unit IT(RMS) 1A VDRM/VRRM 600 to 800 V IGT (Q 1) 3 to 25 mA Part Number Marking Z01xxA See Ordering information on page 7 Z01xxN A2 A1 G A1 A2 G A1 A2 G A2 TO-92 Z01xxA SOT-223 Z01xxN Table 1. Absolute maximum ratings Symbol Parameter Value Unit IT(RMS) RMS on-state current (full sine wave) SOT-223 Ttab = 90° C 1A TO-92 TL = 50° C ITSM Non repetitive surge peak on-state current (full cycle, Tj initial = 25° C) F = 50 Hz t = 20 ms 8 A F = 60 Hz t = 16.7 ms 8.5 I²tI²t Value for fusing tp = 10 ms 0.35 A²s dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 120 Hz Tj = 125° C 20 A/µs IGM Peak gate current tp = 20 µs Tj = 125° C 1 A PG(AV) Average gate power dissipation Tj = 125° C 1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 ° C www.st.com |
Podobny numer części - Z0110NA2AL2 |
|
Podobny opis - Z0110NA2AL2 |