Zakładka z wyszukiwarką danych komponentów |
|
Z0110NA2AL2 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
Z0110NA2AL2 Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 9 page Characteristcs Z01 4/9 Figure 7. Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10 ms and corresponding value of I2t Figure 8. On-state characteristics (maximum values) 0.01 0.10 1.00 10.00 0.1 1.0 10.0 100.0 t (ms) p I (A), I t (A s) TSM 22 It 2 dI/dt limitation: 20A/µs T initial = 25°C j ITSM I (A) TM 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0.1 1.0 10.0 V (V) TM T = max. j Tj T = 25°C j T =max. j V =0.95 V R =400 m t0 d Ω Figure 9. Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values) Figure 10. Relative variation of critical rate of decrease of main current versus junction temperature Figure 11. SOT-223 Thermal resistance junction to ambient versus copper surface under tab (printed circuit board FR4, copper thickness: 35 µm) 0.1 1.0 10.0 100.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 Z0103 Z0107 Z0110 Z0109 (dI/dt)c [(dV/dt)c] / Specified (dI/dt)c (dV/dt)c (V/µs) 0 25 50 75 100 125 0 1 2 3 4 5 6 (dI/dt)c [T ] / Specified] j (dI/dt)c [Tj T (°C) j R (°C/W) th(j-a) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 S(cm²) |
Podobny numer części - Z0110NA2AL2 |
|
Podobny opis - Z0110NA2AL2 |