Zakładka z wyszukiwarką danych komponentów |
|
Z0103NA5AL2 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
Z0103NA5AL2 Arkusz danych(HTML) 2 Page - STMicroelectronics |
2 / 9 page Characteristcs Z01 2/9 1 Characteristcs Table 2. Electrical characteristics (Tj = 25° C, unless otherwise specified) Symbol Test Conditions Quadrant Z01 Unit 03 07 09 10 IGT (1) 1. minimum IGT is guaranteed at 5% of IGT max. VD = 12 V RL = 30 Ω I - II - III MAX 35 10 25 mA IV 5 7 10 25 VGT ALL MAX 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125° C ALL MIN 0.2 V IH (2) IT = 50 mA MX. 7 10 10 25 mA IL IG = 1.2 IGT I - III - IV MAX 7 101525 mA II 15 20 25 50 dV/dt (2) VD = 67% VDRM gate open Tj = 110° C MIN 10 20 50 100 V/µs (dV/dt)c (2) 2. for both polarities of A2 referenced to A1. (dI/dt)c = 0.44 A/ms Tj = 110° C MIN 0.5 1 2 5 V/µs Table 3. Static characteristics Symbol Test Conditions Value Unit VTM (1) 1. for both polarities of A2 referenced to A1. ITM = 1.4 A tp = 380 µs Tj = 25° C MAX. 1.56 V Vto (1) Threshold voltage Tj = 125° C MAX. 0.95 V Rd (1) Dynamic resistance Tj = 125° C MAX. 400 m Ω IDRM IRRM VDRM = VRRM Tj = 25° C MAX. 5µA Tj = 125° C 0.5 mA Table 4. Thermal resistances Symbol Parameter Value Unit Rth(j-t) Junction to tab (AC) SOT-223 25 ° C/W Rth(j-I) Junction to lead (AC) TO-92 60 Rth(j-a) Junction to ambient S(1) = 5 cm² 1. S = Copper surface under tab. SOT-223 60 ° C/W TO-92 150 |
Podobny numer części - Z0103NA5AL2 |
|
Podobny opis - Z0103NA5AL2 |