Zakładka z wyszukiwarką danych komponentów |
|
Z0103NA5AL2 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
Z0103NA5AL2 Arkusz danych(HTML) 3 Page - STMicroelectronics |
3 / 9 page Z01 Characteristcs 3/9 Figure 1. Maximum power dissipation versus RMS on-state current (full cycle) Figure 2. RMS on-state current versus lead (TO-92) or tab (SOT-223) temperature (full cycle) P(W) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.00 0.25 0.50 0.75 1.00 1.25 1.50 I (A) T(RMS) 0 25 50 75 100 125 0.0 0.2 0.4 0.6 0.8 1.0 1.2 I (A) T(RMS) R= (SOT-223) th(j-a) Rth(j-t) R= (TO-92) th(j-a) Rth(j-l) T or (°C) l Ttab Figure 3. RMS on-state current versus ambient temperature (full cycle) Figure 4. Relative variation of thermal impedance versus pulse duration I (A) T(RMS) 0 25 50 75 100 125 0.0 0.2 0.4 0.6 0.8 1.0 1.2 R = 60°C/W (SOT-223) th(j-a) R = 150°C/W (TO-92) th(j-a) T (°C) amb K=[Z /R th(j-a) th(j-a)] 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2 0.01 0.10 1.00 t (s) p Z01xxA Z01xxN Figure 5. Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values) Figure 6. Surge peak on-state current versus number of cycles -40 -20 0 20 40 60 80 100 120 140 0.0 0.5 1.0 1.5 2.0 2.5 I, I , I [T ] / GTHL j I , I , I [T =25°C] GTHL j T (°C) j IGT IH &IL 1 10 100 1000 0 1 2 3 4 5 6 7 8 9 One cycle t=20ms I (A) TSM Number of cycles Non repetitive T initial = 25°C j Repetitive T = 25°C amb |
Podobny numer części - Z0103NA5AL2 |
|
Podobny opis - Z0103NA5AL2 |