Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM15TXXXA Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części SM15TXXXA
Szczegółowy opis  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15TXXXA Arkusz danych(HTML) 2 Page - STMicroelectronics

  SM15TXXXA Datasheet HTML 1Page - STMicroelectronics SM15TXXXA Datasheet HTML 2Page - STMicroelectronics SM15TXXXA Datasheet HTML 3Page - STMicroelectronics SM15TXXXA Datasheet HTML 4Page - STMicroelectronics SM15TXXXA Datasheet HTML 5Page - STMicroelectronics SM15TXXXA Datasheet HTML 6Page - STMicroelectronics SM15TXXXA Datasheet HTML 7Page - STMicroelectronics SM15TXXXA Datasheet HTML 8Page - STMicroelectronics SM15TXXXA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
SM15T
2/9
1
Characteristics
Table 3.
Electrical characteristics
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
αT
Voltage temperature
coefficient
IPP
Peak pulse current
Type
IRM @ VRM
max
VBR @ IR
(1)
1.
Pulse test: tp < 50 ms.
VCL @ IPP
10/1000 µs
VCL @ IPP
8/20 µs
αT
max(2)
2.
ΔVBR = αT * (Tamb - 25) * VBR (25°C)
C
typ(3)
3.
VR = 0 V, F = 1 MHz. For bidirectional types
capacitance value is divided by 2.
min
nom
max
max
max
µA
V
VVV
mA
V
A
V
A
10-4/°C
pF
SM15T6V8A/CA
1000
5.8
6.45
6.8
7.14
10
10.5
143
13.4
746
5.7
9500
SM15T7V5A/CA
500
6.4
7.13
7.5
7.88
10
11.3
132
14.5
690
6.1
8500
SM15T10A/CA
10
8.55
9.5
10
10.5
1
14.5
103
18.6
538
7.3
7000
SM15T12A/CA
5
10.2
11.4
12
12.6
1
16.7
90
21.7
461
7.8
6000
SM15T15A/CA
1
12.8
14.3
15
15.8
1
21.2
71
27.2
368
8.4
5000
SM15T18A/CA
1
15.3
17.1
18
18.9
1
25.2
59.5
32.5
308
8.8
4300
SM15T22A/CA
1
18.8
20.9
22
23.1
1
30.6
49
39.3
254
9.2
3700
SM15T24A/CA
1
20.5
22.8
24
25.2
1
33.2
45
42.8
234
9.4
3500
SM15T27A/CA
1
23.1
25.7
27
28.4
1
37.5
40
48.3
207
9.6
3200
SM15T30A/CA
1
25.6
28.5
30
31.5
1
41.5
36
53.5
187
9.7
2900
SM15T33A/CA
1
28.2
31.4
33
34.7
1
45.7
33
59.0
169
9.8
2700
SM15T36A/CA
1
30.8
34.2
36
37.8
1
49.9
30
64.3
156
9.9
2500
SM15T39A/CA
1
33.3
37.1
39
41.0
1
53.9
28
69.7
143
10.0
2400
SM15T68A/CA
1
58.1
64.6
68
71.4
1
92
16.3
121
83
10.4
1550
SM15T75A/CA
1
64.1
71.3
---
78.8
1
103
14.6
134
75
10.5
1450
SM15T100A/CA
1
85.5
95.0
100
105
1
137
11
178
56
10.6
1150
SM15T150A/CA
1
128
143
150
158
1
207
7.2
265
38
10.8
850
SM15T200A/CA
1
171
190
200
210
1
274
5.5
353
28
10.8
675
SM15T220A/CA
1
188
209
220
231
1
328
4.6
388
26
10.8
625
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
Unidirectional
Bidirectional
10 µs
1000 µs
100
50
0
Pulse waveform 10/1000µs
t
%IPP


Podobny numer części - SM15TXXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T VISHAY-SM15T Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SM15T VISHAY-SM15T Datasheet
109Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
STMicroelectronics
SM15T10 STMICROELECTRONICS-SM15T10 Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
logo
General Semiconductor
SM15T100 GE-SM15T100 Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SM15TXXXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com