Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA180RL Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części TPA180RL
Szczegółowy opis  Trisil for telecom equipment protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPA180RL Arkusz danych(HTML) 4 Page - STMicroelectronics

  TPA180RL Datasheet HTML 1Page - STMicroelectronics TPA180RL Datasheet HTML 2Page - STMicroelectronics TPA180RL Datasheet HTML 3Page - STMicroelectronics TPA180RL Datasheet HTML 4Page - STMicroelectronics TPA180RL Datasheet HTML 5Page - STMicroelectronics TPA180RL Datasheet HTML 6Page - STMicroelectronics TPA180RL Datasheet HTML 7Page - STMicroelectronics TPA180RL Datasheet HTML 8Page - STMicroelectronics TPA180RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
SMP50 / SMTPA / TPA
4/11
Table 5.
Electrical characteristics - values (Tamb = 25°C)
Types
IRM @ VRM
IR @ VR
(1)
Dynamic
VBO
(2)
Static
VBO @ IBO
(3)
IH
(4)
C(5)
C(6)
max.
max.
max.
max.
max.
min.
typ.
typ.
µA
V
µA
V
V
V
mA
mA
pF
pF
SMP50-62 / TPA62
SMTPA62
2
56
5
62
85
82
800
150
20
40
SMP50-68 / TPA68
SMTPA68
61
68
93
90
20
40
SMP50-100 / TPA100
SMTPA100
90
100
135
133
16
35
SMP50-120 / TPA120
SMTPA120
108
120
160
160
16
30
SMP50-130 / TPA130
SMTPA130
117
130
173
173
14
30
SMP50-180 / TPA180
SMTPA180
162
180
235
240
14
25
SMP50-200 / TPA200
SMTPA200
180
200
262
267
12
25
SMP50-220 / TPA220
SMTPA220
198
220
285
293
12
25
SMP50-240 / TPA240
SMTPA240
216
240
300
320
12
25
SMP50-270 / TPA270
SMTPA270
243
270
350
360
12
25
SMP50-320 / SMTPA320
290
320
400
400
12
25
1.
IR measured at VR guarantee VBR min ≥ VR
2.
See functional test circuit 1(Figure 9.)
3.
See test circuit 2(Figure 10.)
4.
See functional holding current test circuit 3(Figure 11.)
5.
VR = 50 V bias, VRMS = 1 V, F = 1 MHz
6.
VR = 2 V bias, VRMS = 1 V, F = 1 MHz
Figure 1.
Pulse waveform (10/1000 µs)
Figure 2.
Non repetitive surge peak on-state
current versus overload duration
100
50
%I
PP
t
t
r
p
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
10
5
0
15
20
25
30
F=50Hz
t(s)
I
(A)
TSM


Podobny numer części - TPA180RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TPA180RL STMICROELECTRONICS-TPA180RL Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
More results

Podobny opis - TPA180RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com