Zakładka z wyszukiwarką danych komponentów |
|
LFXP28E7CF672I Arkusz danych(PDF) 10 Page - Lattice Semiconductor |
|
LFXP28E7CF672I Arkusz danych(HTML) 10 Page - Lattice Semiconductor |
10 / 92 page 2-7 Architecture Lattice Semiconductor LatticeXP2 Family Data Sheet Figure 2-4. General Purpose PLL (GPLL) Diagram Table 2-4 provides a description of the signals in the GPLL blocks. Table 2-4. GPLL Block Signal Descriptions Clock Dividers LatticeXP2 devices have two clock dividers, one on the left side and one on the right side of the device. These are intended to generate a slower-speed system clock from a high-speed edge clock. The block operates in a ÷2, ÷4 or ÷8 mode and maintains a known phase relationship between the divided down clock and the high-speed clock based on the release of its reset signal. The clock dividers can be fed from the CLKOP output from the GPLLs or from the Edge Clocks (ECLK). The clock divider outputs serve as primary clock sources and feed into the clock dis- tribution network. The Reset (RST) control signal resets the input and forces all outputs to low. The RELEASE sig- nal releases outputs to the input clock. For further information on clock dividers, please see TN1126, sysCLOCK PLL Design and Usage Guide. Figure 2-5 shows the clock divider connections. Signal I/O Description CLKI I Clock input from external pin or routing CLKFB I PLL feedback input from CLKOP (PLL internal), from clock net (CLKOP) or from a user clock (PIN or logic) RST I “1” to reset PLL counters, VCO, charge pumps and M-dividers RSTK I “1” to reset K-divider DPHASE [3:0] I DPA Phase Adjust input DDDUTY [3:0] I DPA Duty Cycle Select input WRDEL I DPA Fine Delay Adjust input CLKOS O PLL output clock to clock tree (phase shifted/duty cycle changed) CLKOP O PLL output clock to clock tree (no phase shift) CLKOK O PLL output to clock tree through secondary clock divider CLKOK2 O PLL output to clock tree (CLKOP divided by 3) LOCK O “1” indicates PLL LOCK to CLKI CLKFB Divider RST CLKFB CLKI LOCK CLKOP CLKOS RSTK DPHASE Internal Feedback DDUTY WRDEL CLKOK2 CLKOK CLKI Divider PFD VCO/ LOOP FILTER CLKOP Divider Phase/ Duty Cycle/ Duty Trim Duty Trim CLKOK Divider Lock Detect 3 |
Podobny numer części - LFXP28E7CF672I |
|
Podobny opis - LFXP28E7CF672I |