Zakładka z wyszukiwarką danych komponentów |
|
E-L6219 Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
E-L6219 Arkusz danych(HTML) 7 Page - STMicroelectronics |
7 / 16 page L6219 Block diagram 7/16 Note: ESD on GND, VS, VSS, OUT 1 A and OUT 2 A is guaranteed up to 1.5 KV (human body model, 1500 W, 100 pF). Figure 3. Timing diagram 10, 16 Phase This TTL-compatible logic inputs sets the direction of current flow through the load. A high level causes current to flow from output A (source) to output B (sink). A schmitt trigger on this input provides good noise immunity and a delay circuit prevents output stage short circuits during switching 11, 15 Reference voltage A voltage applied to this pin sets the reference voltage of the comparators, this determining the output current (also thus depending on Rs and the two inputs input 0 and input 1) 12, 14 RC A parallel RC network connected to this pin sets the OFF time of the higher power transistors. The pulse generator is a monostable triggered by the output of the comparators (toff = 1.1 RT CT) 13 VSS - Logic supply Supply voltage input for logic circuitry 24 VS - Load supply Supply voltage input for the output stages Table 3. Pin functions (continued) Pin # Name Description Table 4. Thermal data Parameter Description PDIP SO Unit Rthj-case Thermal resistance junction-case max. 14 18 °C/W Rthj-amb Thermal resistance junction-ambient max. 60 (1) 1. With minimized copper area. 75 (1) °C/W |
Podobny numer części - E-L6219 |
|
Podobny opis - E-L6219 |