Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC4064ZE7MN100C Arkusz danych(PDF) 1 Page - Lattice Semiconductor

Numer części LC4064ZE7MN100C
Szczegółowy opis  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4064ZE7MN100C Arkusz danych(HTML) 1 Page - Lattice Semiconductor

  LC4064ZE7MN100C Datasheet HTML 1Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 2Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 3Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 4Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 5Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 6Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 7Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 8Page - Lattice Semiconductor LC4064ZE7MN100C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
www.latticesemi.com
1
DS1022_01.2
ispMACH 4000ZE Family
1.8V In-System Programmable
Ultra Low Power PLDs
August 2008
Data Sheet DS1022
®
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Features
■ High Performance
•fMAX = 260MHz maximum operating frequency
•tPD = 4.4ns propagation delay
• Up to four global clock pins with programmable
clock polarity control
• Up to 80 PTs per output
■ Ease of Design
• Flexible CPLD macrocells with individual clock,
reset, preset and clock enable controls
• Up to four global OE controls
• Individual local OE control per I/O pin
• Excellent First-Time-Fit
TM and refit
• Wide input gating (36 input logic blocks) for fast
counters, state machines and address decoders
■ Ultra Low Power
• Standby current as low as 10µA typical
• 1.8V core; low dynamic power
• Operational down to 1.6V VCC
• Superior solution for power sensitive consumer
applications
• Per pin pull-up, pull-down or bus keeper
control*
• Power Guard with multiple enable signals*
■ Broad Device Offering
• 32 to 256 macrocells
• Multiple temperature range support
– Commercial: 0 to 90°C junction (Tj)
– Industrial: -40 to 105°C junction (Tj)
• Space-saving packages
■ Easy System Integration
• Operation with 3.3V, 2.5V, 1.8V or 1.5V
LVCMOS I/O
• 5V tolerant I/O for LVCMOS 3.3, LVTTL, and PCI
interfaces
• Hot-socketing support
• Open-drain output option
• Programmable output slew rate
• 3.3V PCI compatible
• I/O pins with fast setup path
• Input hysteresis*
• 1.8V core power supply
• IEEE 1149.1 boundary scan testable
• IEEE 1532 ISC compliant
• 1.8V In-System Programmable (ISP™) using
Boundary Scan Test Access Port (TAP)
• Pb-free package options (only)
• On-chip user oscillator and timer*
*New enhanced features over original ispMACH 4000Z
Table 1. ispMACH 4000ZE Family Selection Guide
ispMACH 4032ZE
ispMACH 4064ZE
ispMACH 4128ZE
ispMACH 4256ZE
Macrocells
32
64
128
256
tPD (ns)
4.4
4.7
5.8
5.8
tS (ns)
2.2
2.5
2.9
2.9
tCO (ns)
3.0
3.2
3.8
3.8
fMAX (MHz)
260
241
200
200
Supply Voltages (V)
1.8V
1.8V
1.8V
1.8V
Packages
1 (I/O + Dedicated Inputs)
48-Pin TQFP (7 x 7mm)
32+4
32+4
64-Ball csBGA (5 x 5mm)
32+4
48+4
100-Pin TQFP (14 x 14mm)
64+10
64+10
64+10
144-Pin TQFP (20 x 20mm)
96+4
96+14
144-Ball csBGA (7 x 7mm)
64+10
96+4
108+4
1. Pb-free only.


Podobny numer części - LC4064ZE7MN100C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LC4064ZC-37M132C LATTICE-LC4064ZC-37M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4064ZC-37M132C1 LATTICE-LC4064ZC-37M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4064ZC-37M56C LATTICE-LC4064ZC-37M56C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4064ZC-37M56C LATTICE-LC4064ZC-37M56C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4064ZC-37MN132C LATTICE-LC4064ZC-37MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Podobny opis - LC4064ZE7MN100C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com