Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9114 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9114
Szczegółowy opis  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9114 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9114 Datasheet HTML 1Page - Analog Devices AD9114 Datasheet HTML 2Page - Analog Devices AD9114 Datasheet HTML 3Page - Analog Devices AD9114 Datasheet HTML 4Page - Analog Devices AD9114 Datasheet HTML 5Page - Analog Devices AD9114 Datasheet HTML 6Page - Analog Devices AD9114 Datasheet HTML 7Page - Analog Devices AD9114 Datasheet HTML 8Page - Analog Devices AD9114 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 4 of 48
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD =
1.8 V, DVDDIO = 3.3 V, CVDD = 3.3 V, IOUTFS = 2 mA, maximum sample rate, unless
otherwise noted.
Table 1.
Parameter
AD9114
AD9115
AD9116
AD9117
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
8
10
12
14
Bits
ACCURACY @ 3.3 V
Differential Nonlinearity (DNL)
Precalibration
±0.02
±0.06
±0.4
±1.4
LSB
Postcalibration
±0.02
±0.04
±0.2
±0.6
LSB
Integral Nonlinearity (INL)
Precalibration
±0.03
±0.19
±0.68
±1.2
LSB
Postcalibration
±0.03
±0.07
±0.42
±0.6
LSB
ACCURACY @ 1.8 V
Differential Nonlinearity (DNL)
Precalibration
±0.02
±0.08
±0.5
±1.8
LSB
Postcalibration
±0.01
±0.06
±0.2
±1.0
LSB
Integral Nonlinearity (INL)
Precalibration
±0.04
±0.2
±0.5
±1.8
LSB
Postcalibration
±0.02
±0.1
±0.3
±1.1
LSB
MAIN DAC OUTPUTS
Offset Error
−1
+1
−1
+1
−1
+1
−1
+1
mV
Gain Error Internal Reference
−2
+2
−2
+2
−2
+2
−2
+2
% of
FSR
Full-Scale Output Current1
VCC = 3.3 V
4
8
20
4
8
20
4
8
20
4
8
20
mA
VCC = 1.8 V
4
8
16
4
8
16
4
8
16
4
8
16
mA
Output Common-Mode Level
(8 mA CML Pin)
−0.5
0
+1.2
−0.5
0
+1.2
−0.5
0
+1.2
−0.5
0
+1.2
V
Output Compliance Range
(8 mA CML Pin)
−0.5
0
+1.2
−0.5
0
+1.2
−0.5
0
+1.2
−0.5
0
+1.2
V
Output Resistance
200
200
200
200
Crosstalk, Q DAC to I DAC
(fOUT = 30 MHz)
95
95
95
95
dB
Crosstalk, Q DAC to I DAC
(fOUT = 60 MHz)
76
76
76
76
dB
MAIN DAC TEMPERATURE DRIFT
Offset
0
0
0
0
ppm/°C
Gain
±40
±40
±40
±40
ppm/°C
Reference Voltage
±25
±25
±25
±25
ppm/°C
AUXDAC OUTPUTS
Resolution
10
10
10
10
Bits
Full-Scale Output Current
(Current Sourcing Mode)
125
125
125
125
μA
Voltage Output Mode
Output Compliance Range
(Sourcing 1 mA)
VSS
VDD
0.25
VSS
VDD
0.25
VSS
VDD
0.25
VSS
VDD
0.25
V
Output Compliance Range
(Sinking 1 mA)
VSS +
0.25
VDD
VSS +
0.25
VDD
VSS +
0.25
VDD
VSS +
0.25
VDD
V
Output Resistance in Current
Output Mode VSS to +1 V
1
1
1
1
AUXDAC Monotonicity
Guaranteed
10
10
10
10
Bits


Podobny numer części - AD9114

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9114-DPG2-EBZ AD-AD9114-DPG2-EBZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9114BCPZ AD-AD9114BCPZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9114BCPZRL7 AD-AD9114BCPZRL7 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9114 AD-AD9114_17 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
More results

Podobny opis - AD9114

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com