Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9115 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9115
Szczegółowy opis  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9115 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9115 Datasheet HTML 6Page - Analog Devices AD9115 Datasheet HTML 7Page - Analog Devices AD9115 Datasheet HTML 8Page - Analog Devices AD9115 Datasheet HTML 9Page - Analog Devices AD9115 Datasheet HTML 10Page - Analog Devices AD9115 Datasheet HTML 11Page - Analog Devices AD9115 Datasheet HTML 12Page - Analog Devices AD9115 Datasheet HTML 13Page - Analog Devices AD9115 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 10 of 48
Pin No.
Mnemonic
Description
36
SCLK/CLKMD
Clock Input for Serial Port in SPI Mode.
Clock mode. In pin mode, CLKMD determines phase of internal retiming clock.
DCLKIO = CLKIN: Tie to 0.
DCLKIO ≠ CLKIN: Pulse 0 to 1 to edge trigger the internal retimer (see the Retimer section).
37
SDIO/FORMAT
Bidirectional Data Line for Serial Port in SPI mode.
Data Format. In pin mode, FORMAT determines data format of digital data.
38
CS/PWRDN
Active Low Chip Select in SPI Mode.
Power Down. In pin mode, PWRDN powers down the device except for the SPI port.
39
DB13 (MSB)
Digital Input (MSB).
40
DB12
Digital Input.
Heat Sink Pad
The heat sink pad is connected to AVSS and must be soldered to the ground plane. Exposed metal at package
corners is connected to this pad.


Podobny numer części - AD9115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9115 AD-AD9115 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9115-DPG2-EBZ AD-AD9115-DPG2-EBZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9115BCPZ AD-AD9115BCPZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9115BCPZRL7 AD-AD9115BCPZRL7 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
More results

Podobny opis - AD9115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com