Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9116 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9116
Szczegółowy opis  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9116 Arkusz danych(HTML) 3 Page - Analog Devices

  AD9116 Datasheet HTML 1Page - Analog Devices AD9116 Datasheet HTML 2Page - Analog Devices AD9116 Datasheet HTML 3Page - Analog Devices AD9116 Datasheet HTML 4Page - Analog Devices AD9116 Datasheet HTML 5Page - Analog Devices AD9116 Datasheet HTML 6Page - Analog Devices AD9116 Datasheet HTML 7Page - Analog Devices AD9116 Datasheet HTML 8Page - Analog Devices AD9116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 3 of 48
FUNCTIONAL BLOCK DIAGRAM
I DAC
Q DAC
AUX1DAC
AUX2DAC
BAND
GAP
CLOCK
DIST
10kΩ
RSET
8.5kΩ
RSET
8.5kΩ
IREF
100µA
RCM
60Ω TO
260Ω
RCM
60Ω TO
260Ω
62.5Ω
62.5Ω
62.5Ω
62.5Ω
SPI
INTERFACE
1 INTO 2
INTERLEAVED
DATA
INTERFACE
I DATA
Q DATA
1.8V
LDO
1V
AD9114/AD9115/
AD9116/AD9117
RLIN
IOUTN
IOUTP
RLIP
AVDD
AVSS
RLQP
QOUTP
QOUTN
RLQN
DB11
DB10
DB9
DB8
DVDDIO
DVSS
DVDD
DB7
DB6
DB5
Figure 1.


Podobny numer części - AD9116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9116 AD-AD9116 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9116-DPG2-EBZ AD-AD9116-DPG2-EBZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9116BCPZ AD-AD9116BCPZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
AD9116BCPZRL7 AD-AD9116BCPZRL7 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
More results

Podobny opis - AD9116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com