Zakładka z wyszukiwarką danych komponentów |
|
AD9117BCPZRL7 Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD9117BCPZRL7 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 48 page AD9114/AD9115/AD9116/AD9117 Rev. 0 | Page 7 of 48 AC SPECIFICATIONS TMIN to TMAX, AVDD = 3.3 V, DVDD = 1.8 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted. Table 3. Parameter AD9114 AD9115 AD9116 AD9117 Unit Min Typ Max Min Typ Max Min Typ Max Min Typ Max SPURIOUS FREE DYNAMIC RANGE (SFDR) 3.3 V fDAC = 125 MSPS, fOUT = 10 MHz 76 85 85 85 dBc fDAC = 125 MSPS, fOUT = 50 MHz 55 55 55 55 dBc TWO-TONE INTERMODULATION DISTORTION (IMD) fDAC = 125 MSPS, fOUT = 10 MHz 81 81 81 82 dBc fDAC = 125 MSPS, fOUT = 50 MHz 60 60 60 61 dBc NOISE SPECTRAL DENSITY (NSD) EIGHT- TONE, 500 kHz TONE SPACING fDAC = 125 MSPS, fOUT = 10 MHz −132 −143 −153 −157 dBc/Hz fDAC = 125 MSPS, fOUT = 50 MHz −128 −138 −146 −149 dBc/Hz W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR), SINGLE CARRIER fDAC = 61.44 MSPS, fOUT = 20 MHz −78 −78 −78 −78 dBc fDAC = 122.88 MSPS, fOUT = 30 MHz −80 −80 −80 −80 dBc TMIN to TMAX, AVDD = 1.8 V, DVDD = 1.8 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 8 mA, maximum sample rate, unless otherwise noted. Table 4. Parameter AD9114 AD9115 AD9116 AD9117 Unit Min Typ Max Min Typ Max Min Typ Max Min Typ Max SPURIOUS FREE DYNAMIC RANGE (SFDR) 3.3 V fDAC = 125 MSPS, fOUT = 10 MHz 73 76 76 76 dBc fDAC = 125 MSPS, fOUT = 50 MHz 48 48 48 48 dBc TWO-TONE INTERMODULATION DISTORTION (IMD) fDAC = 125 MSPS, fOUT = 10 MHz 76 76 76 76 dBc fDAC = 125 MSPS, fOUT = 50 MHz 50 50 50 50 dBc NOISE SPECTRAL DENSITY (NSD) EIGHT- TONE, 500 kHz TONE SPACING fDAC = 125 MSPS, fOUT = 10 MHz −125 −136 −146 −150 dBc/Hz fDAC = 125 MSPS, fOUT = 50 MHz −117 −127 −135 −138 dBc/Hz W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR), SINGLE CARRIER fDAC = 61.44 MSPS, fOUT = 20 MHz −69 −69 −69 −69 dBc fDAC = 122.88 MSPS, fOUT = 30 MHz −72 −72 −72 −72 dBc |
Podobny numer części - AD9117BCPZRL7 |
|
Podobny opis - AD9117BCPZRL7 |