Zakładka z wyszukiwarką danych komponentów |
|
AD9117BCPZRL7 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD9117BCPZRL7 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 48 page AD9114/AD9115/AD9116/AD9117 Rev. 0 | Page 8 of 48 ABSOLUTE MAXIMUM RATINGS Table 5. Parameter Rating AVDD, DVDDIO, CVDD to AVSS, DVSS, CVSS −0.3 V to +3.9 V DVDD to DVSS −0.3 V to +2.1 V AVSS to DVSS, CVSS −0.3 V to +0.3 V DVSS to AVSS, CVSS −0.3 V to +0.3 V CVSS to AVSS, DVSS −0.3 V to +0.3 V VREF, FSADJQ, FSADJI, CMLQ, CMLI to AVSS −0.3 V to AVDD + 0.3 V QOUTP, QOUTN, IOUTP, IOUTN, RLQP, RLQN, RLIP, RLIN to AVSS −1.0 V to AVDD + 0.3 V D13 to D0, CS, SCLK, SDIO, SDO, RESET to DVSS −0.3 V to DVDD + 0.3 V CLKIN to CVSS −0.3 V to CVDD + 0.3 V CS, SCLK, SDIO, SDO to DVSS –0.3 V to DVDD + 0.3 V Junction Temperature 125°C Storage Temperature Range −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE Table 6. Package Type θJA Unit 40-Lead LFCSP (With No Airflow Movement) 29.8 °C/W ESD CAUTION |
Podobny numer części - AD9117BCPZRL7 |
|
Podobny opis - AD9117BCPZRL7 |