Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFXP25E7CFN484C Arkusz danych(PDF) 7 Page - Lattice Semiconductor

Numer części LFXP25E7CFN484C
Szczegółowy opis  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP25E7CFN484C Arkusz danych(HTML) 7 Page - Lattice Semiconductor

Back Button LFXP25E7CFN484C Datasheet HTML 3Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 4Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 5Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 6Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 7Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 8Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 9Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 10Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
2-4
Architecture
Lattice Semiconductor
LatticeXP2 Family Data Sheet
Figure 2-3. Slice Diagram
Table 2-2. Slice Signal Descriptions
Function
Type
Signal Names
Description
Input
Data signal
A0, B0, C0, D0
Inputs to LUT4
Input
Data signal
A1, B1, C1, D1
Inputs to LUT4
Input
Multi-purpose
M0
Multipurpose Input
Input
Multi-purpose
M1
Multipurpose Input
Input
Control signal
CE
Clock Enable
Input
Control signal
LSR
Local Set/Reset
Input
Control signal
CLK
System Clock
Input
Inter-PFU signal
FCI
Fast Carry-In
1
Input
Inter-slice signal
FXA
Intermediate signal to generate LUT6 and LUT7
Input
Inter-slice signal
FXB
Intermediate signal to generate LUT6 and LUT7
Output
Data signals
F0, F1
LUT4 output register bypass signals
Output
Data signals
Q0, Q1
Register outputs
Output
Data signals
OFX0
Output of a LUT5 MUX
Output
Data signals
OFX1
Output of a LUT6, LUT7, LUT8
2 MUX depending on the slice
Output
Inter-PFU signal
FCO
Slice 2 of each PFU is the fast carry chain output
1
1. See Figure 2-3 for connection details.
2. Requires two PFUs.
LUT4 &
CARRY*
LUT4 &
CARRY*
SLICE
A0
C0
D0
FF*
OFX0
F0
Q0
A1
B1
C1
D1
CI
CI
CO
CO
CE
CLK
LSR
FF*
OFX1
F1
Q1
F/SUM
F/SUM
D
D
M1
FCI into Slice/PFU, FCO from Different Slice/PFU
FCO from Slice/PFU, FCI into Different Slice/PFU
LUT5
Mux
M0
From
Routing
To
Routing
FXB
FXA
B0
For Slices 0 and 2, memory control signals are generated from Slice 1 as follows:
WCK is CLK
WRE is from LSR
DI[3:2] for Slice 2 and DI[1:0] for Slice 0 data
WAD [A:D] is a 4bit address from slice 1 LUT input
* Not in Slice 3


Podobny numer części - LFXP25E7CFN484C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Podobny opis - LFXP25E7CFN484C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com