Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC4384B-35FTN256C Arkusz danych(PDF) 1 Page - Lattice Semiconductor

Numer części LC4384B-35FTN256C
Szczegółowy opis  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384B-35FTN256C Arkusz danych(HTML) 1 Page - Lattice Semiconductor

  LC4384B-35FTN256C Datasheet HTML 1Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 2Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 3Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 4Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 5Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 6Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 7Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 8Page - Lattice Semiconductor LC4384B-35FTN256C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
www.latticesemi.com
1
DS1020_23.0
ispMACH 4000V/B/C/Z Family
3.3V/2.5V/1.8V In-System Programmable
SuperFAST High Density PLDs
November 2007
Data Sheet DS1020
®
TM
© 2007 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Coolest Power
C
TM
Features
■ High Performance
•fMAX = 400MHz maximum operating frequency
•tPD = 2.5ns propagation delay
• Up to four global clock pins with programmable
clock polarity control
• Up to 80 PTs per output
■ Ease of Design
• Enhanced macrocells with individual clock,
reset, preset and clock enable controls
• Up to four global OE controls
• Individual local OE control per I/O pin
• Excellent First-Time-Fit
TM and refit
• Fast path, SpeedLocking
TM Path, and wide-PT
path
• Wide input gating (36 input logic blocks) for fast
counters, state machines and address decoders
■ Zero Power (ispMACH 4000Z) and Low
Power (ispMACH 4000V/B/C)
• Typical static current 10µA (4032Z)
• Typical static current 1.3mA (4000C)
• 1.8V core low dynamic power
• ispMACH 4000Z operational down to 1.6V VCC
■ Broad Device Offering
• Multiple temperature range support
– Commercial: 0 to 90°C junction (Tj)
– Industrial: -40 to 105°C junction (Tj)
– Extended: -40 to 130°C junction (Tj)
• For AEC-Q100 compliant devices, refer to
LA-ispMACH 4000V/Z Automotive Data Sheet
■ Easy System Integration
• Superior solution for power sensitive consumer
applications
• Operation with 3.3V, 2.5V or 1.8V LVCMOS I/O
• Operation with 3.3V (4000V), 2.5V (4000B) or
1.8V (4000C/Z) supplies
• 5V tolerant I/O for LVCMOS 3.3, LVTTL, and PCI
interfaces
• Hot-socketing
• Open-drain capability
• Input pull-up, pull-down or bus-keeper
• Programmable output slew rate
• 3.3V PCI compatible
• IEEE 1149.1 boundary scan testable
• 3.3V/2.5V/1.8V In-System Programmable
(ISP™) using IEEE 1532 compliant interface
• I/O pins with fast setup path
• Lead-free package options
Table 1. ispMACH 4000V/B/C Family Selection Guide
ispMACH
4032V/B/C
ispMACH
4064V/B/C
ispMACH
4128V/B/C
ispMACH
4256V/B/C
ispMACH
4384V/B/C
ispMACH
4512V/B/C
Macrocells
32
64
128
256
384
512
I/O + Dedicated Inputs
30+2/32+4
30+2/32+4/
64+10
64+10/92+4/
96+4
64+10/96+14/
128+4/160+4
128+4/192+4
128+4/208+4
tPD (ns)
2.5
2.5
2.7
3.0
3.5
3.5
tS (ns)
1.8
1.8
1.8
2.0
2.0
2.0
tCO (ns)
2.2
2.2
2.7
2.7
2.7
2.7
fMAX (MHz)
400
400
333
322
322
322
Supply Voltages (V)
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
3.3/2.5/1.8V
Pins/Package
44 TQFP
48 TQFP
44 TQFP
48 TQFP
100 TQFP
100 TQFP
128 TQFP
144 TQFP
1
100 TQFP
144 TQFP
1
176 TQFP
256 ftBGA
2/
fpBGA
2, 3
176 TQFP
256 ftBGA/
fpBGA
3
176 TQFP
256 ftBGA/
fpBGA
3
1. 3.3V (4000V) only.
2. 128-I/O and 160-I/O configurations.
3. Use 256 ftBGA package for all new designs. Refer to PCN#14A-07 for 256 fpBGA package discontinuance.


Podobny numer części - LC4384B-35FTN256C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LC4384B-35F256C LATTICE-LC4384B-35F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Podobny opis - LC4384B-35FTN256C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com