Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFXP25E5IFN672C Arkusz danych(PDF) 6 Page - Lattice Semiconductor

Numer części LFXP25E5IFN672C
Szczegółowy opis  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP25E5IFN672C Arkusz danych(HTML) 6 Page - Lattice Semiconductor

Back Button LFXP25E5IFN672C Datasheet HTML 2Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 3Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 4Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 5Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 6Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 7Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 8Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 9Page - Lattice Semiconductor LFXP25E5IFN672C Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
2-3
Architecture
Lattice Semiconductor
LatticeXP2 Family Data Sheet
Figure 2-2. PFU Diagram
Slice
Slice 0 through Slice 2 contain two 4-input combinatorial Look-Up Tables (LUT4), which feed two registers. Slice 3
contains two LUT4s and no registers. For PFUs, Slice 0 and Slice 2 can also be configured as distributed memory,
a capability not available in PFF blocks. Table 2-1 shows the capability of the slices in both PFF and PFU blocks
along with the operation modes they enable. In addition, each PFU contains logic that allows the LUTs to be com-
bined to perform functions such as LUT5, LUT6, LUT7 and LUT8. There is control logic to perform set/reset func-
tions (programmable as synchronous/asynchronous), clock select, chip-select and wider RAM/ROM functions.
Figure 2-3 shows an overview of the internal logic of the slice. The registers in the slice can be configured as posi-
tive/negative edge triggered or level sensitive clocks.
Table 2-1. Resources and Modes Available per Slice
Slice 0 through Slice 2 have 14 input signals: 13 signals from routing and one from the carry-chain (from the adja-
cent slice or PFU). There are seven outputs: six to routing and one to carry-chain (to the adjacent PFU). Slice 3 has
13 input signals from routing and four signals to routing. Table 2-2 lists the signals associated with Slice 0 to Slice
2.
Slice
PFU BLock
PFF Block
Resources
Modes
Resources
Modes
Slice 0
2 LUT4s and 2 Registers Logic, Ripple, RAM, ROM 2 LUT4s and 2 Registers
Logic, Ripple, ROM
Slice 1
2 LUT4s and 2 Registers
Logic, Ripple, ROM
2 LUT4s and 2 Registers
Logic, Ripple, ROM
Slice 2
2 LUT4s and 2 Registers Logic, Ripple, RAM, ROM 2 LUT4s and 2 Registers
Logic, Ripple, ROM
Slice 3
2 LUT4s
Logic, ROM
2 LUT4s
Logic, ROM
Slice 0
LUT4 &
CARRY
LUT4 &
CARRY
D
D
Slice 1
LUT4 &
CARRY
LUT4 &
CARRY
Slice 2
LUT4 &
CARRY
LUT4 &
CARRY
From
Routing
To
Routing
Slice 3
LUT4
LUT4
D
D
D
D
FF
FF
FF
FF
FF
FF


Podobny numer części - LFXP25E5IFN672C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Podobny opis - LFXP25E5IFN672C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com