Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA031-035-30-30 Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TA031-035-30-30
Szczegółowy opis  3.1 - 3.5 GHz 1W Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA031-035-30-30 Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TA031-035-30-30 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA031-035-30-30
REV5_20060324
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
3.1 – 3.5 GHz 1W Amplifier
FEATURES
• Psat: 30 dBm min.
• NF: 4.5 dB max.
• Small Signal Gain: 30 dB typ.
• Bias Condition: 12 V / 900 mA max.
DESCRIPTION
The TA031-035-30-30 is a 30 dBm power amplifier designed for operation in the 3.1 to 3.5 GHz frequency
range. This amplifier utilizes high power devices that provide excellent linearity and high gain. High
efficiency operation is achieved by using hybrid MIC designs and advanced GaAs PHEMT devices. The
amplifier requires a +12V DC power supply.
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
3.1
3.5
GHz
SSG
Small Signal Gain
29
30
dB
GOF
Small Signal Gain Flatness
± 0.7
dB
NF
Noise Figure
4.5
dB
P-1 dB
Output Power at 1dB Gain Compression
30
dBm
VSWR, IN
Input VSWR
1.7:1
2: 1
-
VSWR, OUT Output VSWR
1.7:1
2: 1
-
Vdc
DC Supply Voltage (with built-in regulator)
12
Volt
Idc
Current Supply
900
mA
ON/OFF Settling Time
1
1.5
-
OTR
Operating Temperature Range
-40
80
°C
∗ Actual gain and current depend on configuration.
CASE: HF74


Podobny numer części - TA031-035-30-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-40 TRANSCOM-TA031-035-43-40 Datasheet
48Kb / 2P
   3.1 ??3.5 GHz 10 W Solid State Power Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
   3.1 - 3.5 GHz 20 W Amplifier
More results

Podobny opis - TA031-035-30-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
   3.1 - 3.5 GHz 20 W Amplifier
logo
Tyco Electronics
MAAPGM0029-DIE MACOM-MAAPGM0029-DIE Datasheet
213Kb / 5P
   Amplifier, Power, 1W 3.5-6.5 GHz
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2814-SM TRIQUINT-TGA2814-SM_15 Datasheet
1Mb / 15P
   3.1 to 3.5 GHz 80W GaN Power Amplifier
logo
Transcom, Inc.
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
   3.1 - 3.5 GHz LNA Module
TA031-035-43-40 TRANSCOM-TA031-035-43-40 Datasheet
48Kb / 2P
   3.1 ??3.5 GHz 10 W Solid State Power Amplifier
TC1037 TRANSCOM-TC1037 Datasheet
158Kb / 4P
   3.1 - 3.5 GHz 16W HPA MMIC
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com