Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2035D1YZFT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2035D1YZFT
Szczegółowy opis  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2035D1YZFT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA2035D1YZFT Datasheet HTML 2Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 3Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 4Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 5Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
3
P
-OutputPower-W
O
V
=5V,R =4
DD
L
W
Class AB4 W
Class AB8 W
V
=5V,R =8
DD
L
W
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
P
-OutputPower-W
O
R =8
L
W, 33
H
V
=5V
DD
V
=2.5V
DD
V
=3.6V
DD
Class AB
0
10
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
P
-OutputPower-W
O
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
Class AB
R =4
L
W, 33
H
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
PO-OutputPower-W
V
=3.6V,R =4
DD
L
W
V
=3.6V,R =8
DD
L
W
Class AB,4 W
Class AB,8 W
650
600
550
500
450
400
350
300
250
200
150
100
0
V
=3.6V
DD
V
=2.5V
DD
V
=5V
DD
0
0.5
1
1.5
3
2.5
2
P
-OutputPower-W
O
R =4
,33 H
L
W
50
360
320
280
240
200
160
120
80
40
0
V
=3.6V
DD
V
=2.5V
DD
V
=5V
DD
P
-OutputPower-W
O
R =8
,33 H
L
W
0
0.25
0.5
0.75
1
1.25
1.5
1.75
3.6
3.2
2.8
2.4
2
1.6
1.2
0.4
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
ShutdownVoltage-V
R =NoLoad
L
0.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
R =8
,33 H
L
W
m
R =8
L
W
NoLoad
0
0.5
1
1.5
2
2.5
3
3.5
4
9
14
19
24
29
R -LoadResistance-
L
W
V
=3.6V,10%
DD
V
=2.5V,10%
DD
V
=5V,10%
DD
TPA2035D1
SLOS562 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
EFFICIENCY
EFFICIENCY
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
POWER DISSIPATION
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 4.
Figure 5.
Figure 6.
SUPPLY CURRENT
SHUTDOWN CURRENT
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
LOAD RESISTANCE
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2035D1


Podobny numer części - TPA2035D1YZFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2035D1 TI1-TPA2035D1 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Podobny opis - TPA2035D1YZFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com