Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1963A-15KTTR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TL1963A-15KTTR
Szczegółowy opis  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-15KTTR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TL1963A-15KTTR Datasheet HTML 3Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 4Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 5Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 6Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 7Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 8Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 9Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 10Page - Texas Instruments TL1963A-15KTTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
2.42
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Fixed 2.5 V
IOUT = 1 mA
TL1963A-2.5
I
= 1 mA
OUT
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Fixed 3.3 V
IOUT = 1 mA
TL1963A-3.3
I
= 1 mA
OUT
1.19
1.195
1.2
1.205
1.21
1.215
1.22
1.225
1.23
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Adjustable
IOUT = 1 mA
VIN = 6 V
TL1963A (Adjustable)
I
= 1 mA
V = 6 V
OUT
IN
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
12
14
16
18
20
Input Voltage – V
TJ = 25°C
ROUT = 4.3 k
VSHDN = VIN
VOUT Adjustable
W
TL1963A (Adjustable)
TL1963A-xx
www.ti.com ........................................................................................................................................................ SLVS719A – JUNE 2008 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7


Podobny numer części - TL1963A-15KTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1963A-15KTTR TI-TL1963A-15KTTR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15KTTR TI-TL1963A-15KTTR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15KTTR TI1-TL1963A-15KTTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-15KTTRG3 TI-TL1963A-15KTTRG3 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15KTTRG3 TI-TL1963A-15KTTRG3 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

Podobny opis - TL1963A-15KTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com