Zakładka z wyszukiwarką danych komponentów |
|
ST6210CB3 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
ST6210CB3 Arkusz danych(HTML) 6 Page - STMicroelectronics |
6 / 104 page ST6208C/ST6209C/ST6210C/ST6220C 6/104 1 INTRODUCTION The ST6208C, 09C, 10C and 20C devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which is targeted at low to me- dium complexity applications. All ST62xx devices are based on a building block approach: a com- mon core is surrounded by a number of on-chip peripherals. The ST62E20C is the erasable EPROM version of the ST62T08C, T09C, T10C and T20C devices, which may be used during the development phase for the ST62T08C, T09C, T10C and T20C target devices, as well as the respective ST6208C, 09C, 10C and 20C ROM devices. OTP and EPROM devices are functionally identi- cal. OTP devices offer all the advantages of user programmability at low cost, which make them the ideal choice in a wide range of applications where frequent code changes, multiple code versions or last minute programmability are required. The ROM based versions offer the same function- ality, selecting the options defined in the program- mable option bytes of the OTP/EPROM versions in the ROM option list (See Section 11.6 on page 96). The ST62P08C/P09C/P10C/P20C are the Factory Advanced Service Technique ROM (FASTROM) versions of ST62T08C, T09C, T10C and T20C OTP devices. They offer the same functionality as OTP devices, but they do not have to be programmed by the customer (See Section 11 on page 90). These compact low-cost devices feature a Timer comprising an 8-bit counter with a 7-bit program- mable prescaler, an 8-bit A/D Converter with up to 8 analog inputs (depending on device) and a Dig- ital Watchdog timer, making them well suited for a wide range of automotive, appliance and industrial applications. For easy reference, all parametric data are located in Section 11 on page 90. Figure 1. Block Diagram NMI INTERRUPTS PROGRAM PC STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 POWER SUPPLY OSCILLATOR RESET DATA ROM USER SELECTABLE DATA RAM 64 Bytes PORT A PORT B TIMER 8-BIT CORE 8-BIT * A/D CONVERTER PA0..PA3 (20mA Sink) PB0..PB7 / Ain* TIMER VDD VSS OSCin OSCout RESET WATCHDOG : MEMORY TIMER (1K, 2K * Depending on device. Please refer to I/O Port section. or 4K Bytes) VPP 4 |
Podobny numer części - ST6210CB3 |
|
Podobny opis - ST6210CB3 |