Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN12AC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FIN12AC
Szczegółowy opis  Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12AC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FIN12AC Datasheet HTML 1Page - Fairchild Semiconductor FIN12AC Datasheet HTML 2Page - Fairchild Semiconductor FIN12AC Datasheet HTML 3Page - Fairchild Semiconductor FIN12AC Datasheet HTML 4Page - Fairchild Semiconductor FIN12AC Datasheet HTML 5Page - Fairchild Semiconductor FIN12AC Datasheet HTML 6Page - Fairchild Semiconductor FIN12AC Datasheet HTML 7Page - Fairchild Semiconductor FIN12AC Datasheet HTML 8Page - Fairchild Semiconductor FIN12AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.2
3
Terminal Descriptions
Note:
1
The DSO/DSI serial port pins have been arranged such that if one device is rotated 180° with respect to the other
device, the serial connections properly aligns without the need for any traces or cable signals to cross. Other layout
orientations may require that traces or cables cross.
Pin Name
I/O Type
Number of
Terminals
Description of Signals
DP[1:12]
I/O
12
LVCMOS parallel I/O, Direction controlled by DIRI pin
CKREF
IN
1
LVCMOS clock input and PLL reference
STROBE
IN
1
LVCMOS strobe signal for latching data into the serializer
CKP
OUT
1
LVCMOS word clock output. This signal is the regenerated STROBE
signal
DSO+ / DSI-
DSO- / DSI+
DIFF-I/O
2
CTL differential serial I/O data signals(1)
DSO: Refers to output signal pair
DSI: Refers to input signal pair
DSO(I)+: Positive signal of DSO(I) pair
DSO(I)-: Negative signal of DSO(I) pair
CKSI+ / CKSI-
DIFF-IN
2
CTL differential deserializer input bit clock
CKSI: Refers to signal pair
CKSI+: Positive signal of CKSI pair
CKSI-: Negative signal of CKSI pair
CKSO+ / CKSO-
DIFF-OUT
2
CTL differential deserializer output bit clock
CKSO: Refers to signal pair
CKSO+: Positive signal of CKSO pair
CKSO-: Negative signal of CKSO pair
S1
IN
1
Used to define frequency range for the RefClock, CKREF.
S2
IN
1
PLLx_SEL
IN
1
Used to define PLL multiplication mode.
PLLX_SEL = 0 multiplication factor 7-1/3x
PLLX_SEL = 1 multiplication factor 7x
DIRI
IN
1
LVCMOS control input. Used to control direction of data flow:
DIRI = “1” Serializer
DIRI = “0” Deserializer
DIRO
OUT
1
LVCMOS output, inversion of DIRI
VDDP
Supply
1
Power supply for parallel I/O and translation circuitry
VDDS
Supply
1
Power supply for core and serial I/O
VDDA
Supply
1
Power supply for analog PLL circuitry
GND
Supply
0
Use bottom ground plane for ground signals


Podobny numer części - FIN12AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com