Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN224AC Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FIN224AC
Szczegółowy opis  22-Bit Bi-Directional Serializer/Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224AC Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN224AC Datasheet HTML 7Page - Fairchild Semiconductor FIN224AC Datasheet HTML 8Page - Fairchild Semiconductor FIN224AC Datasheet HTML 9Page - Fairchild Semiconductor FIN224AC Datasheet HTML 10Page - Fairchild Semiconductor FIN224AC Datasheet HTML 11Page - Fairchild Semiconductor FIN224AC Datasheet HTML 12Page - Fairchild Semiconductor FIN224AC Datasheet HTML 13Page - Fairchild Semiconductor FIN224AC Datasheet HTML 14Page - Fairchild Semiconductor FIN224AC Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224AC Rev.1.1.5
11
Power Supply Currents
Typical values are given for VDD = 2.775V and TA = 25°C. Positive current values refer to the current flowing into the
device and negative values refer to the current flowing out of the pins. Voltages are referenced to GROUND unless
otherwise specified (except
ΔVOD and VOD).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
IDDA1
VDDA Serializer Static Supply
Current
All DP and Control Inputs at 0V or
NOCKREF, S2 = 0, S1 = 1, DIR = 1
450
µA
IDDA2
VDDA Deserializer Static Supply
Current
All DP and Control Inputs at 0V or
NOCKREF, S2 = 0, S1 = 1, DIR = 0
550
µA
IDDS1
VDDS Serializer Static Supply
Current
All DP and Control Inputs at 0V or
NOCKREF, S2 = 0, S1 = 1, DIR = 1
4
mA
IDDS2
VDDS Deserializer Static Supply
Current
All DP and Control Inputs at 0V or
NOCKREF, S2 = 0, S1 = 1, DIR = 0
4.5
mA
IDD_PD
VDD Power-Down Supply Current
IDD_PD = IDDA
S1 = S2 = 0 All Inputs at GND or VDD
0.1
µA
IDD_SER1
26:1 Dynamic Serializer
Power Supply Current
IDD_SER1 = IDDA+IDDS+IDDP
CKREF = STROBE
DIRI = H
S2 = 0
S1 = 1
1.2MHz
9
mA
5MHz
14
S2 = 1
S1 = 0
5MHz
9
15MHz
17
S2 = 1
S1 = 1
10MHz
9
26MHz
16
IDD_DES1
26:1 Dynamic Deserializer
Power Supply Current
IDD_DES1 = IDDA+IDDS+IDDP
CKREF = STROBE
DIRI = L
S2 = 0
S1 = 1
2MHz
5
mA
5MHz
6
S2 = 1
S1 = 0
5MHz
4
15MHz
5
S2 = 1
S1 = 1
10MHz
7
26MHz
11
IDD_SER2
26:1 Dynamic Serializer
Power Supply Current
IDD_SES2 = IDDA+IDDS+IDDP
NO CKREF
STROBE Active
CKSI = 15x STROBE
DIRI = H
2MHz
8
mA
5MHz
8
10MHz
10
15MHz
12


Podobny numer części - FIN224AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results

Podobny opis - FIN224AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com