Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13212 Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MC13212
Szczegółowy opis  ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13212 Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13212 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.4
6
Freescale Semiconductor
1.5.3
ZigBee-Compliant Network Stack (BeeStack)
Supports ZigBee specification
Supports star, mesh and tree networks
Advanced Encryption Standard (AES) 128-bit security
1.6
System Block Diagram
Figure 1 shows a simplified block diagram of the MC1321x solution.
Figure 1. MC1321x System Level Block Diagram
Transmit/Receive
Switch
Analog Receiver
Analog Transmitter
Frequency
Generator
Buffer RAM
IRQ Arbiter
RAM Arbiter
Power Management
Voltage Regulators
HCS08 CPU
16-60 KB
Flash Memory
1-4 KB RAM
Low Voltage Detect
Keyboard Interrupt
Internal Clock
Generator
Up to 32 GPIO
COP
1 Channel & 4
Channel 16-bit
Timers
I2C
2x SCI
8 Channel
10 Bit ADC
Background
Debug Module
RFIC Timers
Digital Control
Logic
Dedicated
SPI
802.15.4 Modem
HCS08 MCU
RIN_P(PAO_P)
RIN_M(PAO_M)
PAO_P
PAO_M


Podobny numer części - MC13212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13212 FREESCALE-MC13212 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13212 FREESCALE-MC13212 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13212 FREESCALE-MC13212 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13212 NXP-MC13212 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13212R2 FREESCALE-MC13212R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
More results

Podobny opis - MC13212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com