Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34704 Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc

Numer części MC34704
Szczegółowy opis  Multiple Channel DC-DC Power Management IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34704 Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc

  MC34704 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Document Number: MC34704
Rev. 3, 7/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Multiple Channel DC-DC Power
Management IC
The 34704 is a multi-channel Power Management IC (PMIC) used
to address power management needs for various multimedia
application microprocessors. Its ability to provide either 5 or 8
independent output voltages with a single input power supply (2.7
and 5.5V) together with its high efficiency, make it ideal for portable
devices powered up by Li-Ion/polymer batteries or for USB powered
devices as well.
The 34704 is housed in a 7x7mm, Pb-free, QFN56 and is capable
of operating at a switching frequency of up to 2MHz. This makes it
possible to reduce external component size and to implement full
space efficient power management solutions.
Features
• 8 DC/DC (34704A) or 5 DC/DC (34704B) switching regulators with
up to
±2% output voltage accuracy
• Dynamic voltage scaling on all regulators.
• Selectable voltage mode control or current mode control on REG8
•I2C programmability
• Output under-voltage and over-voltage detection for each
regulator
• Over-current limit detection and short-circuit protection for each
regulator
• Thermal limit detection for each regulator, except REG7
• Integrated compensation for REG1, REG3, REG6, and REG8
• 5.0µA maximum shutdown current (All regulators are off, 5.5V VIN)
• True cutoff on all of the boost and buck-boost regulators
• Pb-free packaging designated by suffix code EP
Figure 1. 34704 Simplified Application Diagram
MULTI-CHANNEL IC
34704
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34704AEP/R2
-20°C to 85°C
56 QFN EP
MC34704BEP/R2
EP SUFFIX (PB-FREE)
98ASA10751D
56-PIN QFN
MPU
DDR
MEMORY
VCORE
VIO1
VIO2
VDDR
VBKL
LCD
+5V
VREF+ (5 to 16V)
VREF- (-5 to -9V)
34704A/B
* Available only in 34704A device
REG 8
REG 4
REG 3
REG 2
REG 5
*REG 1
*REG 6
*REG 7
PGND
I2C COMM
GND
GND


Podobny numer części - MC34704

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34704 FREESCALE-MC34704 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AEP FREESCALE-MC34704AEP Datasheet
1Mb / 54P
   Multiple Channel DC-DC Power Management IC
MC34704AEP/R2 FREESCALE-MC34704AEP/R2 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AR2 FREESCALE-MC34704AR2 Datasheet
1Mb / 54P
   Multiple Channel DC-DC Power Management IC
MC34704BEP FREESCALE-MC34704BEP Datasheet
1Mb / 54P
   Multiple Channel DC-DC Power Management IC
More results

Podobny opis - MC34704

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
34704 FREESCALE-34704_09 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
34704 FREESCALE-34704_11 Datasheet
1Mb / 54P
   Multiple Channel DC-DC Power Management IC
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
   Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com