Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145026P Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MC145026P
Szczegółowy opis  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026P Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC145026P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC145026, MC145027, MC145028 Technical Data, Rev. 4
8
Freescale Semiconductor
Operating Characteristics
3
Operating Characteristics
3.1
MC145026
The encoder serially transmits trinary data as defined by the state of the A1 - A5 and A6/D6 - A9/D9 input
pins. These pins may be in either of three states (low, high, or open) allowing 19,683 possible codes. The
transmit sequence is initiated by a low level on the TE input pin. Upon power-up, the MC145026 can
continuously transmit as long as TE remains low (also, the device can transmit two-word sequences by
pulsing TE low). However, no MC145026 application should be designed to rely upon the first data word
transmitted immediately after power-up because this word may be invalid. Between the two data words,
no signal is sent for three data periods (see Figure 11).
Each transmitted trinary digit is encoded into pulses (see Figure 12). A logic 0 (low) is encoded as two
consecutive short pulses, a logic 1 (high) as two consecutive long pulses, and an open (high impedance)
as a long pulse followed by a short pulse. The input state is determined by using a weak “output” device
to try to force each input high then low. If only a high state results from the two tests, the input is assumed
to be hardwired to VDD. If only a low state is obtained, the input is assumed to be hardwired to VSS. If both
a high and a low can be forced at an input, an open is assumed and is encoded as such. The “high” and
Figure 5. Output Transition Time
Figure 6. Din Rise and Fall Time
Figure 7. Encoder Clock Frequency
Figure 8. TE Pulse Width
Figure 9. Test Circuit
ANY OUTPUT
10%
90%
tTLH
tTHL
tf
tf
Din
10%
90%
VDD
VSS
t/fOSC
RTC
50%
tW
VDD
VSS
50%
TE
DEVICE
UNDER
TEST
OUTPUT
TEST POINT
CL*
* Includes all probe and fixture capacitance.


Podobny numer części - MC145026P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145026P MOTOROLA-MC145026P Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026P LANSDALE-MC145026P Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026P FREESCALE-MC145026P Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Podobny opis - MC145026P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com