Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1298 Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SK1298
Szczegółowy opis  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1298 Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SK1298 Datasheet HTML 1Page - Renesas Technology Corp 2SK1298 Datasheet HTML 2Page - Renesas Technology Corp 2SK1298 Datasheet HTML 3Page - Renesas Technology Corp 2SK1298 Datasheet HTML 4Page - Renesas Technology Corp 2SK1298 Datasheet HTML 5Page - Renesas Technology Corp 2SK1298 Datasheet HTML 6Page - Renesas Technology Corp 2SK1298 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1298
Rev.2.00 Sep 07, 2005 page 4 of 6
80
Case Temperature TC (°C)
120
40
0
0.01
0.02
0.03
0.04
0.05
–40
0
160
Static Drain to Source on State
Resistance vs. Temperature
ID = 50 A
Pulse Test
VGS = 4 V
VGS = 10 V
10 A, 20 A
10 A, 20 A
50 A
Forward Transfer Admittance
vs. Drain Current
50
20
10
5
2
1.0
0.5
1.0
2
5
10
50
Drain Current ID (A)
20
TC = 25°C
VDS = 10 V
Pulse Test
–25
°C
75
°C
500
200
100
50
20
10
5
0.5
1.0
5
50
Reverse Drain Current IDR (A)
10
2
20
Body to Drain Diode Reverse
Recovery Time
di/dt = 50 A/
µs, Ta = 25
°C
VGS = 0
Pulse Test
Typical Capacitance vs.
Drain to Source Voltage
10000
1000
100
10
010
20
50
Drain to Source Voltage VDS (V)
30
40
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
100
80
60
40
20
040
120
160
Gate Charge Qg (nc)
80
20
16
12
8
4
Dynamic Input Characteristics
200
0
VDS
VGS
VDD = 10 V
25 V
ID = 40 A
50 V
VDD = 10 V
25 V
50 V
Switching Characteristics
1000
500
200
100
20
10
0.5
1.0
5
50
Drain Current ID (A)
10
2
20
50
td(off)
tf
VGS = 10 V VDD = 30 V
PW = 2
µs, duty < 1 %
td(on)
tr


Podobny numer części - 2SK1298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1298 HITACHI-2SK1298 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1298 ISC-2SK1298 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK1298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com