Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1300 Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SK1300
Szczegółowy opis  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1300 Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SK1300 Datasheet HTML 1Page - Renesas Technology Corp 2SK1300 Datasheet HTML 2Page - Renesas Technology Corp 2SK1300 Datasheet HTML 3Page - Renesas Technology Corp 2SK1300 Datasheet HTML 4Page - Renesas Technology Corp 2SK1300 Datasheet HTML 5Page - Renesas Technology Corp 2SK1300 Datasheet HTML 6Page - Renesas Technology Corp 2SK1300 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1300
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
50
100
0
Case Temperature TC (°C)
150
20
Power vs. Temperature Derating
40
60
Maximum Safe Operation Area
300
100
30
3
100
10
0.3
1
30
0.1
Drain to Source Voltage VDS (V)
10
1000
3
1
1 ms
Ta = 25
°C
10
µs
PW
=
10
ms
(1
Shot)
Operation in this area
is limited by RDS (on)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
20
16
12
8
4
20
16
12
8
4
0
VGS = 2.5 V
Pulse Test
6 V
3 V
3.5 V
10 V
4 V
Typical Transfer Characteristics
3
Gate to Source Voltage VGS (V)
4
2
1
05
2
4
6
8
10
0
VDS = 10 V
Pulse Test
25
°C
–25
°C
TC = 75°C
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
6
Gate to Source Voltage VGS (V)
8
4
2
010
1.0
1.5
2.0
2.5
0
0.5
Pulse Test
ID = 2 A
5 A
10 A
5
Drain Current ID (A)
10
2
150
0.2
0.5
1
2
5
0.5
0.1
0.05
20
Static Drain to Source on State
Resistance vs. Drain Current
VGS = 4 V
10 V
Pulse Test


Podobny numer części - 2SK1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1300 HITACHI-2SK1300 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1300 VBSEMI-2SK1300 Datasheet
773Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK1300 ISC-2SK1300 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1300 RENESAS-2SK1300_15 Datasheet
102Kb / 9P
   Silicon N Channel MOS FET
More results

Podobny opis - 2SK1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com