Zakładka z wyszukiwarką danych komponentów |
|
2SK1304 Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
2SK1304 Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page 2SK1304 Rev.2.00 Sep 07, 2005 page 2 of 6 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Drain to source voltage VDSS 100 V Gate to source voltage VGSS ±20 V Drain current ID 40 A Drain peak current ID(pulse) *1 160 A Body to drain diode reverse drain current IDR 40 A Channel dissipation Pch *2 100 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1% 2. Value at TC = 25°C Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 100 — — V ID = 10 mA, VGS = 0 Gate to source breakdown voltage V(BR)GSS ±20 — — V IG = ±100 µA, VDS = 0 Gate to source leak current IGSS — — ±10 µA VGS = ±16 V, VDS = 0 Zero gate voltage drain current IDSS — — 250 µA VDS = 80 V, VGS = 0 Gate to source cutoff voltage VGS(off) 1.0 — 2.0 V ID = 1 mA, VDS = 10 V — 0.025 0.03 Ω ID = 20 A, VGS = 10 V * 3 Static drain to source on state resistance RDS(on) — 0.03 0.04 Ω ID = 20 A, VGS = 4 V * 3 Forward transfer admittance |yfs| 22 35 — S ID = 20 A, VDS = 10 V * 3 Input capacitance Ciss — 3500 — pF Output capacitance Coss — 1400 — pF Reverse transfer capacitance Crss — 340 — pF VDS = 10 V, VGS = 0, f = 1 MHz Turn-on delay time td(on) — 25 — ns Rise time tr — 170 — ns Turn-off delay time td(off) — 730 — ns Fall time tf — 300 — ns ID = 20 A, VGS = 10 V, RL = 1.5 Ω Body to drain diode forward voltage VDF — 1.2 — V IF = 40 A, VGS = 0 Body to drain diode reverse recovery time trr — 300 — ns IF = 40 A, VGS = 0, diF/dt = 50 A/ µs Note: 3. Pulse test |
Podobny numer części - 2SK1304 |
|
Podobny opis - 2SK1304 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |