Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1316S Arkusz danych(PDF) 4 Page - Renesas Technology Corp

Numer części 2SK1316S
Szczegółowy opis  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1316S Arkusz danych(HTML) 4 Page - Renesas Technology Corp

  2SK1316S Datasheet HTML 1Page - Renesas Technology Corp 2SK1316S Datasheet HTML 2Page - Renesas Technology Corp 2SK1316S Datasheet HTML 3Page - Renesas Technology Corp 2SK1316S Datasheet HTML 4Page - Renesas Technology Corp 2SK1316S Datasheet HTML 5Page - Renesas Technology Corp 2SK1316S Datasheet HTML 6Page - Renesas Technology Corp 2SK1316S Datasheet HTML 7Page - Renesas Technology Corp 2SK1316S Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK1316(L), 2SK1316(S)
Rev.2.00 Sep 07, 2005 page 4 of 7
2.0
40
160
Case Temperature TC (°C)
1.6
0.4
0
80
120
0
0.8
1.2
Static Drain to Source on State
Resistance vs. Temperature
ID = 10 A
VGS = 10 V
Pulse Test
2, 5 A
–40
50
0.5
10
Drain Current ID (A)
20
2
0.2
1.0
5
0.5
5
10
Forward Transfer Admittance
vs. Drain Current
VDS = 20 V
Pulse Test
0.1
1.0
2
–25
°C
TC = 25°C
75
°C
5,000
1.0
20
Reverse Drain Current IDR (A)
2,000
200
0.5
2
10
50
500
1,000
Body to Drain Diode Reverse
Recovery Time
0.2
100
5
di/dt = 100 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
10,000
20
50
Drain to Source Voltage VDS (V)
100
10
30
40
10
1,000
Typical Capacitance vs.
Drain to Source Voltage
VGS = 0
f = 1 MHz
0
Ciss
Coss
Crss
500
40
100
Gate Charge Qg (nc)
Dynamic Input Characteristics
400
100
20
60
80
0
200
300
VDS
20
16
4
0
8
12
VDD = 100 V
250 V
400 V
ID = 8 A
250 V
VDD = 400 V
VGS
100 V
500
1.0
20
Drain Current ID (A)
200
20
0.5
2
10
5
50
100
0.2
10
5
Switching Characteristics
td (off)
tf
tr
td (on)
VGS = 10 V, VDD = 30 V
PW = 2
µs, duty < 1%


Podobny numer części - 2SK1316S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1316S HITACHI-2SK1316S Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1316S RENESAS-2SK1316S Datasheet
58Kb / 10P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1316S ISC-2SK1316S Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK1316S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com