Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1336 Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SK1336
Szczegółowy opis  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1336 Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SK1336 Datasheet HTML 1Page - Renesas Technology Corp 2SK1336 Datasheet HTML 2Page - Renesas Technology Corp 2SK1336 Datasheet HTML 3Page - Renesas Technology Corp 2SK1336 Datasheet HTML 4Page - Renesas Technology Corp 2SK1336 Datasheet HTML 5Page - Renesas Technology Corp 2SK1336 Datasheet HTML 6Page - Renesas Technology Corp 2SK1336 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1336
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
600
400
200
0
50
100
150
Ambient Temperature Ta (°C)
Power vs. Temperature Derating
5
100
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
0.1
0.3
1
3
10
30
3
1
0.3
0.1
0.03
0.01
0.005
10
µs
1 ms
Ta = 25
°C
Operation
in
this
area
is limited
by
R DS
(on)
1.0
410
Drain to Source Voltage VDS (V)
0.8
0.2
26
8
0
0.4
0.6
VGS = 2 V
Pulse Test
4 V
3.5 V
3 V
2.5 V
10 V
6 V
Typical Output Characteristics
1.0
25
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
0.8
0.2
13
4
0
0.4
0.6
VDS = 10 V
Pulse Test
TC = 75°C
–25
°C
25
°C
1.0
410
Gate to Source Voltage VGS (V)
0.8
0.2
26
8
0
0.4
0.6
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Pulse Test
0.2 A
ID = 0.1 A
0.5 A
50
5
0.05
Static Drain to Source on State
Resistance vs. Drain Current
20
10
2
5
1
0.5
Drain Current ID (A)
0.1
0.2
0.5
1
2
Pulse Test
VGS = 4 V
10 V


Podobny numer części - 2SK1336

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1336 HITACHI-2SK1336 Datasheet
41Kb / 8P
   Silicon N-Channel MOS FET
More results

Podobny opis - 2SK1336

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com