Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1636L Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SK1636L
Szczegółowy opis  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1636L Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SK1636L Datasheet HTML 1Page - Renesas Technology Corp 2SK1636L Datasheet HTML 2Page - Renesas Technology Corp 2SK1636L Datasheet HTML 3Page - Renesas Technology Corp 2SK1636L Datasheet HTML 4Page - Renesas Technology Corp 2SK1636L Datasheet HTML 5Page - Renesas Technology Corp 2SK1636L Datasheet HTML 6Page - Renesas Technology Corp 2SK1636L Datasheet HTML 7Page - Renesas Technology Corp 2SK1636L Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK1636(L), 2SK1636(S)
Rev.2.00 Sep 07, 2005 page 3 of 7
Main Characteristics
120
80
40
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
100
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
1
30
10
3
1
0.3
0.1
3
1,000
300
100
10
30
100
µs
Ta = 25
°C
20
820
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics
16
4
412
16
0
8
12
VGS = 3.5 V
4.5 V
5 V
4 V
5.5 V
Pulse Test
10 V
8 V
20
410
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics
16
4
26
8
0
8
12
VDS = 10 V
Pulse Test
Ta = 75
°C
25
°C
–25
°C
10
410
Gate to Source Voltage VGS (V)
8
2
26
8
0
4
6
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
ID = 15 A
10 A
5 A
Pulse Test
5
100
Drain Current ID (A)
1
Static Drain to Source on State
Resistance vs. Drain Current
2
1
0.5
0.2
0.1
0.05
2
5
10
20
50
VGS = 10 V
Pulse Test
15 V


Podobny numer części - 2SK1636L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK1636L HITACHI-2SK1636L Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1636L ISC-2SK1636L Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK1636L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com