Zakładka z wyszukiwarką danych komponentów |
|
2SK1528L-E Arkusz danych(PDF) 3 Page - Renesas Technology Corp |
|
2SK1528L-E Arkusz danych(HTML) 3 Page - Renesas Technology Corp |
3 / 8 page 2SK1528(L), 2SK1528(S) Rev.2.00 Sep 07, 2005 page 3 of 7 Main Characteristics 5 20 50 Drain to Source Voltage VDS (V) Typical Output Characteristics 4 1 10 30 40 Pulse Test 0 2 3 5 V 4.5 V VGS = 3.5 V 10 V 4 V 6 V 5 410 Gate to Source Voltage VGS (V) Typical Transfer Characteristics 4 1 26 8 –25 °C 0 2 3 VDS = 20 V Pulse Test 75 °C TC = 25°C 20 820 Gate to Source Voltage VGS (V) 16 4 412 16 0 8 12 Drain to Source Saturation Voltage vs. Gate to Source Voltage 2 A ID = 1 A Pulse Test 5 A 50 120 Drain Current ID (A) 20 1 0.5 2 10 0.2 5 10 Static Drain to Source on State Resistance vs. Drain Current 2 0.5 5 15 V VGS = 10 V Pulse Test 60 80 40 20 0 50 100 150 200 Case Temperature TC (°C) Power vs. Temperature Derating 50 1,000 Drain to Source Voltage VDS (V) Maximum Safe Operation Area 1 20 10 5 2 1 0.5 0.2 0.1 0.05 3 10 30 100 300 100 µs 1 ms DC Operatio n (T C = 25 °C) PW = 10 ms (1 Shot) 10 µs Ta = 25 °C |
Podobny numer części - 2SK1528L-E |
|
Podobny opis - 2SK1528L-E |