Zakładka z wyszukiwarką danych komponentów |
|
TS5A9411 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
TS5A9411 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 21 page TS5A9411 SCDS241A – MAY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com PIN DESCRIPTION PIN NAME DESCRIPTION NO. 1 IN Digital control to connect COM to NO 2 V+ Power supply 3 GND Digital ground 4 NC Normally closed 5 COM Common 6 NO Normally open PARAMETER DESCRIPTION SYMBOL DESCRIPTION VCOM Voltage at COM VNC Voltage at NC VNO Voltage at NO rON Resistance between COM and NC or COM and NO ports when the channel is ON ΔrON Difference of ron between channels rON(flat) Difference between the maximum and minimum value of ron in a channel over the specified range of conditions Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state under INC(OFF) worst-case input and output conditions Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state under INO(OFF) worst-case input and output conditions Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the INC(ON) output (COM) being open Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the INO(ON) output (COM) being open Leakage current measured at the COM port, with the corresponding channel (COM to NO or COM to NC) in the ON ICOM(ON) state and the output (NC or NO) being open ICOM(PWROFF) Leakage current measured at the COM port during the power-down condition, V+ = 0 VIH Minimum input voltage for logic high for the control input (IN) VIL Maximum input voltage for logic low for the control input (IN) VI Voltage at IN IIH, IIL Leakage current measured at IN Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the tON propagation delay between the digital control (IN) signal and analog outputs (COM, NC, or NO) signal when the switch is turning ON. Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the tOFF propagation delay between the digital control (IN) signal and analog outputs (COM, NC, or NO) signal when the switch is turning OFF. Break-before-make time. This parameter is measured under the specified range of conditions and by the tBBM propagation delay between the output of two adjacent analog channels (NC and NO) when the control signal changes state. Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC, NO, or COM) output. This is measured in coulomb (C) and measured by the total charge induced due to switching of the QC control input. Charge injection, QC = CL × ΔVO, CL is the load capacitance and ΔVO is the change in analog output voltage. 10 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TS5A9411 |
Podobny numer części - TS5A9411 |
|
Podobny opis - TS5A9411 |